Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL702-01XC-R Datasheet(PDF) 8 Page - PhaseLink Corporation

Part # PLL702-01XC-R
Description  Clock Generator for PowerPC Based Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-01XC-R Datasheet(HTML) 8 Page - PhaseLink Corporation

  PLL702-01XC-R Datasheet HTML 1Page - PhaseLink Corporation PLL702-01XC-R Datasheet HTML 2Page - PhaseLink Corporation PLL702-01XC-R Datasheet HTML 3Page - PhaseLink Corporation PLL702-01XC-R Datasheet HTML 4Page - PhaseLink Corporation PLL702-01XC-R Datasheet HTML 5Page - PhaseLink Corporation PLL702-01XC-R Datasheet HTML 6Page - PhaseLink Corporation PLL702-01XC-R Datasheet HTML 7Page - PhaseLink Corporation PLL702-01XC-R Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PLL702-01
Clock Generator for PowerPC Based Applications
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 07/18/05 Page 8
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL702-01 X X X X
Part / Order Number
Marking
Package Option
Temperature
PLL702-01XC-R
P702-01XC
SSOP -Tape and Reel
0 to +70゚C
PLL702-01XC
P702-01XC
SSOP -Tubes
0 to +70゚C
PLL702-01XCLR
P702-01XCL
SSOP -Tape and Reel
0 to +70゚C
PLL702-01XCL
P702-01XCL
SSOP -Tubes
0 to +70゚C
A1
D
C
L
A
e
EE1
B
28PIN SSOP
L
0.022
0.038
0.55
0.95
0.220
e
0.65BSC
0.0256BSC
E1
5.00
5.60
0.197
0.413
E
7.40
8.20
0.291
0.323
D
9.9
10.5
0.390
0.015
C
0.09
0.25
0.004
0.010
B
0.25
0.38
0.01
0.079
A1
0.05
0.002
A
2.0
Unit
mm
inches
min
max
min
max
Package
SSOP (QSOP) 209mil
Pins#
28
PART NUMBER
TEMPERATURE
C=COMMERCIAL,
I=INDUSTRIAL
PACKAGE TYPE
X=SSOP
NONE=NORMAL PACKAGE
L=GREEN PACKAGE
NONE= TUBE
R=TAPE AND REEL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com