Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL702-01XC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL702-01XC-R
Description  Clock Generator for PowerPC Based Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL702-01XC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL702-01XC-R Datasheet HTML 1Page - PhaseLink Corporation PLL702-01XC-R Datasheet HTML 2Page - PhaseLink Corporation PLL702-01XC-R Datasheet HTML 3Page - PhaseLink Corporation PLL702-01XC-R Datasheet HTML 4Page - PhaseLink Corporation PLL702-01XC-R Datasheet HTML 5Page - PhaseLink Corporation PLL702-01XC-R Datasheet HTML 6Page - PhaseLink Corporation PLL702-01XC-R Datasheet HTML 7Page - PhaseLink Corporation PLL702-01XC-R Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PLL702-01
Clock Generator for PowerPC Based Applications
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 07/18/05 Page 1
FEATURES
• 1 CPU Clock output with selectable frequencies (50,
66, 75, 80, 83, 90, 100,125 or 133 MHz).
• 1 ASIC output clock (at CPU clock or CPU clock ÷ 2).
• 2 ASIC output clocks (at CPU clock) w/ output enable.
• 1 PCI output clock w/ output enable
• 1 Selectable 48, 30 or 12MHz (USB) output.
• Selectable Spread Spectrum (SST) for EMI reduction
on ASIC and CPU.
• PowerPC compatible output and drive CPU Clock.
• Selectable reduced 67% drive strength on CPU Clock
• Advanced, low power, sub-micron CMOS processes.
• 14.31818MHz fundamental crystal input.
• 3.3V and/or 2.5V operation.
•
Available in 28-Pin 209mil SSOP (QSOP).
DESCRIPTION
The PLL702-01 is a low cost, low jitter, and high
performance clock synthesizer for generic PowerPC based
applications. It provides one CPU clock, three ASIC
outputs, one PCI output, and a selectable 48, 30 or 12MHz
(USB) output. The user can choose between 9 different
CPU clock frequencies, while the ASIC output can be
identical or half of the CPU frequency. Low EMI Spread
Spectrum Technology is available for the CPU, ASIC and
PCI clocks. The CPU drive strength is user selectable from
100% to 67%. All frequencies are generated from a single
low cost 14.31818MHz crystal. The CPU and ASIC clock
can be driven from an independent 2.5V power supply.
PIN ASSIGNMENT (28 pin SSOP)
FREQUENCY TABLES
ASIC1 (MHz)
PCI* (MHz)
CLK_SEL1
CLK_SEL0
CPU
(MHz)
ASIC1_SEL
=1
ASIC1_SEL
=0
ASIC2
(MHz)
PCI_SEL
=0
PCI_SEL
=M
0
0
50
50
25
50
62.5
31.25
0
M
66
66
33
66
66.7
33.35
0
1
75
75
37.5
75
62.5
31.25
M
0
80
80
40
80
66.7
33.35
M
M
83
83
41.5
83
66.7
33.35
M
1
90
90
45
90
66.7
33.35
1
0
100
100
50
100
66.7
33.35
1
M
125
125
62.5
125
62.5
31.25
1
1
133
133
66.5
133
65.5
32.75
Notes: When CPU=90MHz, it implements 88.88MHz to meet PCI=33.3MHz/66.6MHz; When
CPU=133MHz, it implements 130.9MHz to meet Power PC clock AC Timing Specification.
* PCI_SEL=1 sets the Tri-state (output disabled) mode of the output.
BLOCK DIAGRAM
XTAL
OSC
XIN
XOUT
SSC(0:1)
PLL
SST
Control
Logic
CPU_CLK
PLL
Control
Logic
USB_SEL
CLK_SEL(0:1)
ASIC1
DIV 2
USB
ASIC1_SEL
PCI_SEL
ASIC2(A:B)
PCI
PCI_OE
ASIC2_OE
^: Internal pull-up resistor
*: Bi-directional pin
o
: Selectable reduced drive
strength
T
: Tri-level input
28
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
27
22
21
20
19
18
17
16
15
XIN
VDD_ANA
XOUT / ASIC2_OE*^
VDD_DIG
SSCO^
SSC1^
GND_ANA
VDD_PCI
PCI / PCI_SEL*T
GND_USB
GND_PCI
VDD_USB
USB / USB_SEL*T
VDD_ASIC2
Note :
ASIC2A
ASIC2B
CLK_SEL0T
CLK_SEL1T
GND_CPU
U
CP o
VDD_CPU
VDD_ASIC1
ASIC1
GND_ASIC1
GND_ASIC2
GND_DIG
ASIC1_SEL^
CPUDRV_SEL^


Similar Part No. - PLL702-01XC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL702-02 PLL-PLL702-02 Datasheet
306Kb / 7P
Low EMI Peripheral Clock Generator for Notebook & Motherboards
PLL702-02OC PLL-PLL702-02OC Datasheet
306Kb / 7P
Low EMI Peripheral Clock Generator for Notebook & Motherboards
PLL702-02OCL PLL-PLL702-02OCL Datasheet
306Kb / 7P
Low EMI Peripheral Clock Generator for Notebook & Motherboards
PLL702-02OCLR PLL-PLL702-02OCLR Datasheet
306Kb / 7P
Low EMI Peripheral Clock Generator for Notebook & Motherboards
PLL702-02OCR PLL-PLL702-02OCR Datasheet
306Kb / 7P
Low EMI Peripheral Clock Generator for Notebook & Motherboards
More results

Similar Description - PLL702-01XC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9178-03 ICST-ICS9178-03 Datasheet
526Kb / 8P
245 MHz Clock Generator and Integrated Buffer for PowerPC
Rev C 02/12/98
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev A 10/12/99
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev E 9/06/00
logo
Texas Instruments
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
logo
PhaseLink Corporation
PLL702-06 PLL-PLL702-06 Datasheet
279Kb / 8P
Clock Generator for Printer Applications
logo
Renesas Technology Corp
MPC9824 RENESAS-MPC9824 Datasheet
456Kb / 13P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2019
MPC9817 RENESAS-MPC9817 Datasheet
283Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com