Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL502-10DM Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL502-10DM
Description  750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-10DM Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL502-10DM Datasheet HTML 1Page - PhaseLink Corporation PLL502-10DM Datasheet HTML 2Page - PhaseLink Corporation PLL502-10DM Datasheet HTML 3Page - PhaseLink Corporation PLL502-10DM Datasheet HTML 4Page - PhaseLink Corporation PLL502-10DM Datasheet HTML 5Page - PhaseLink Corporation PLL502-10DM Datasheet HTML 6Page - PhaseLink Corporation PLL502-10DM Datasheet HTML 7Page - PhaseLink Corporation PLL502-10DM Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary
PLL502-10
750kHz – 400MHz Low Phase Noise VCXO (for 12 – 25MHz Crystals)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 11/06/02 Page 3
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
7
V
Input Voltage, dc
VI
VSS-0.5
VDD+0.5
V
Output Voltage, dc
VO
VSS-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
Input Static Discharge Voltage Protection
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for INDUSTRIAL grade only.
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
12
25
MHz
Crystal Loading Rating
CL (xtal)
at VCON = 1.65V
9.5
pF
Crystal Pullability
C0/C1 (xtal)
AT cut
250
-
Recommended ESR
RE
AT cut
30
Ω
Note
: Crystal Loading rating: 9.5pF is the loading the crystal sees from the VCXO chip at VCON = 1.65V. It is assumed that the crystal will be at
nominal frequency at this load. If the crystal requires more load to be at nominal frequency, the additional load must be added externally. This
however may reduce the pull range.
3. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
FXIN = 12 - 25MHz;
XTAL C0/C1 < 250
380
ppm
CLK output pullability
0V
≤ VCON ≤ 3.3V
±190
ppm
Linearity
5
10
%
VCXO Tuning Characteristic
115
ppm/V
VCON input impedance
2000
k
Ω
VCON modulation BW
0V
≤ VCON ≤ 3.3V, -3dB
25
kHz
Note:
Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com