Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL502-10DM Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL502-10DM
Description  750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-10DM Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL502-10DM Datasheet HTML 1Page - PhaseLink Corporation PLL502-10DM Datasheet HTML 2Page - PhaseLink Corporation PLL502-10DM Datasheet HTML 3Page - PhaseLink Corporation PLL502-10DM Datasheet HTML 4Page - PhaseLink Corporation PLL502-10DM Datasheet HTML 5Page - PhaseLink Corporation PLL502-10DM Datasheet HTML 6Page - PhaseLink Corporation PLL502-10DM Datasheet HTML 7Page - PhaseLink Corporation PLL502-10DM Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary
PLL502-10
750kHz – 400MHz Low Phase Noise VCXO (for 12 – 25MHz Crystals)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 11/06/02 Page 1
FEATURES
• 750kHz to 400MHz output range.
• Low phase noise output (@ 10kHz frequency
offset, -140dBc/Hz for 19.44MHz, -127dBc/Hz for
106.25MHz, -125dBc/Hz for 155.52MHz).
• Selectable CMOS, PECL and LVDS output.
• 12 to 25MHz crystal input.
• No external load capacitor or varicap required.
• Output Enable selector.
• Wide pull range (+/-190 ppm)
• 3.3V operation.
• Available in DIE (65 mil x 62 mil).
DESCRIPTIONS
The PLL502-10 is a monolithic low jitter and low
phase noise (-140dBc/Hz @ 10kHz offset) VCXO IC
Die, with CMOS, LVDS and PECL output, covering
the 750kHz to 400MHz output range. It allows the
control of the output frequency with an input voltage
(VCON), using a low cost crystal.
The same die can be used as a VCXO with output
frequencies ranging from FXIN / 16 to FXIN x 16
thanks to frequency selector pads. This makes the
PLL502-10 ideal as a universal die for applications
ranging from ADSL to SONET.
BLOCK DIAGRAM
DIE CONFIGURATION
DIE SPECIFICATIONS
Name
Value
Size
62 x 65 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
OUTPUT SELECTION AND ENABLE
Pad #18
OUTSEL1
Pad #25
OUTSEL0
Selected Output
0
0
High Drive CMOS
0
1
Standard CMOS
1
0
PECL
1
1
LVDS
OE_SELECT
(Pad #9)
OE_CTRL
(Pad #30)
State
0 (Default)
Output enabled
0
1
Tri-state
0
Tri-state
1 (Default)
1 (Default)
Output enabled
Pad #9:
Bond to GND to set to “0”, bond to VDD to set to “1”
Pad #30: Logical states defined by PECL levels if OE_SELECT (pad #9) is “0”
Logical states defined by CMOS levels if OE_SELECT is “1”
18
19
20
21
23
25
7
13
10
26
29
31
Y
X
(0,0)
(1550,1475)
65 mil
24
22
17
16
15
14
12
11
9
8
6
1
2
3
4
5
27
28
30
Reference
Divider
Phase
Detector
Charge
Pump
Loop
Filter
VCO
VCO
Divider
XTAL
OSC
CLKBAR
OE
XIN
XOUT
CLK
VCON
VARICAP
+
SEL


Similar Part No. - PLL502-10DM

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-11 PLL-PLL502-11 Datasheet
106Kb / 6P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
PLL502-11SOC PLL-PLL502-11SOC Datasheet
106Kb / 6P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
PLL502-11SOI PLL-PLL502-11SOI Datasheet
106Kb / 6P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
PLL502-11SOM PLL-PLL502-11SOM Datasheet
106Kb / 6P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
PLL502-11SSC PLL-PLL502-11SSC Datasheet
106Kb / 6P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
More results

Similar Description - PLL502-10DM

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-10 PLL-PLL602-10 Datasheet
122Kb / 7P
96MHz - 400MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL502-11 PLL-PLL502-11 Datasheet
106Kb / 6P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
PLL502-12 PLL-PLL502-12 Datasheet
104Kb / 6P
96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
PLL502-13 PLL-PLL502-13 Datasheet
106Kb / 6P
192MHz - 400MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystal)
PLL502-14 PLL-PLL502-14 Datasheet
104Kb / 6P
192MHz - 400MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystal)
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
logo
Abracon Corporation
ABV0211 ABRACON-ABV0211 Datasheet
84Kb / 5P
96MHz - 200MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystals)
03/21/05
ABV0213 ABRACON-ABV0213 Datasheet
83Kb / 5P
192MHz ??400MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystal)
ABV0214 ABRACON-ABV0214 Datasheet
81Kb / 5P
192MHz ??400MHz Low Phase Noise LVDS VCXO (12 ??25MHz Crystal)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com