Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL500-37SC Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL500-37SC
Description  Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-37SC Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL500-37SC Datasheet HTML 1Page - PhaseLink Corporation PLL500-37SC Datasheet HTML 2Page - PhaseLink Corporation PLL500-37SC Datasheet HTML 3Page - PhaseLink Corporation PLL500-37SC Datasheet HTML 4Page - PhaseLink Corporation PLL500-37SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLL500-27/-37/-47
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 01/21/04 Page 2
PIN AND PAD DESCRIPTION
Die Pad Position
Name
Pin#
X (
µµm)
Y (
µµm)
Type
Description
XIN
1
94.183
768.599
I
Crystal input pin.
DRIVSEL
2
94.157
605.029
I
Output drive select pin. High drive if set to ‘0’. Low drive if set
to ‘1’. Internal pull-up.
VCON
3
94.183
331.756
I
Frequency control voltage input pin.
GND
4
94.193
140.379
P
Ground pin.
CLK
5
715.472
203.866
O
Output clock pin.
VDD
6
715.307
455.726
P
VDD power supply pin.
OE
7
715.472
626.716
I
Output Enable input pin. Disables the output when low. Internal
pull-up enables output by default if pin is not connected low.
XOUT
8
476.906
888.881
I
Crystal output pin. Ref clock input.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage Range
VCC
-0.5
7
V
Input Voltage Range
VI
-0.5
VCC+0.5
V
Output Voltage Range
VO
-0.5
VCC+0.5
V
Soldering Temperature
260
°C
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature
0
70
°C
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com