Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL500-37SC Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL500-37SC
Description  Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-37SC Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL500-37SC Datasheet HTML 1Page - PhaseLink Corporation PLL500-37SC Datasheet HTML 2Page - PhaseLink Corporation PLL500-37SC Datasheet HTML 3Page - PhaseLink Corporation PLL500-37SC Datasheet HTML 4Page - PhaseLink Corporation PLL500-37SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PLL500-27/-37/-47
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 01/21/04 Page 5
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
C
L
A
8 PIN ( dimensions in mm )
Narrow SOIC
Symbol
Min.
Max.
A
1.47
1.73
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
4.95
E
3.80
4.00
H
5.80
6.20
L
0.38
1.27
e
1.27 BSC
E
H
D
A
1
e
B
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL500-x7 x x
Temperature
C=Commercial
Package
S=SOIC
D=Die
Part Number
Order Number
Marking
Package Option
PLL500-27SC
P500-27SC
8-Pin SOIC (Tube)
PLL500-27SC-R
P500-27SC
8-Pin SOIC (Tape and Reel)
PLL500-27DC
P500-27DC
Die (Waffle Pack)
PLL500-37SC
P500-37SC
8-Pin SOIC (Tube)
PLL500-37SC-R
P500-37SC
8-Pin SOIC (Tape and Reel)
PLL500-37DC
P500-37DC
Die (Waffle Pack)
PLL500-47SC
P500-47SC
8-Pin SOIC (Tube)
PLL500-47SC-R
P500-47SC
8-Pin SOIC (Tape and Reel)
PLL500-47DC
P500-47DC
Die (Waffle Pack)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com