Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL502-26SC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL502-26SC-R
Description  High Pull-Range VCXO (27MHz) with integrated Audio PLL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-26SC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL502-26SC-R Datasheet HTML 1Page - PhaseLink Corporation PLL502-26SC-R Datasheet HTML 2Page - PhaseLink Corporation PLL502-26SC-R Datasheet HTML 3Page - PhaseLink Corporation PLL502-26SC-R Datasheet HTML 4Page - PhaseLink Corporation PLL502-26SC-R Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLL502-26
High Pull-Range VCXO (27MHz) with integrated Audio PLL
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 1
XTAL
OSC
XIN
XOUT
OUT_27MHz
VCON
VARICAP
10X
PLL
REF_Audio
OUT_Audio
FEATURES
• Low phase noise 27MHz VCXO (-135 dBc at
10kHz offset).
• Integrated variable capacitors.
• Wide pull range (+/- 250 ppm).
• Low jitter (RMS): 10ps period.
• Integrated audio Phase Locked Loop.
• Audio clock output (ideal for 8.192MHz,
11.2896MHz, 12.288MHz).
• 27MHz crystal input.
• Audio Reference clock input.
• 3.3V operation.
• Available in 16-Pin SOIC.
DESCRIPTION
The PLL502-26 is a low cost, high pull-range and
low phase noise VCXO, providing less than -135dBc
at 10kHz offset at 27MHz. It also integrates an Audio
clock phase locked loop ideal for the 8.192MHz,
11.2896MHz and 12.288MHz audio outputs, starting
from an audio reference clock. Its very high pull
range makes it ideal for Digital Video applications,
allowing users to save board space and cost.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
N/C*
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
VDD_PLL
VDD_VCXO
XIN
XOUT
VCON
GND_PLL
N/C*
GND_27MHz
OUT_27MHz
VDD_27MHz
VDD_Audio
OUT_Audio
GND_Audio
REF_Audio
GND_VCXO
Note: * Pins reserved for future DAC integration
OUTPUT RANGE
OUTPUT
FREQUENCY RANGE
OUTPUT
TYPE
VCXO
27MHz
CMOS
Audio
8.192MHz – 12.288MHz
CMOS
BLOCK DIAGRAM


Similar Part No. - PLL502-26SC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-21 PLL-PLL502-21 Datasheet
141Kb / 6P
384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SOC PLL-PLL502-21SOC Datasheet
141Kb / 6P
384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SOI PLL-PLL502-21SOI Datasheet
141Kb / 6P
384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SOM PLL-PLL502-21SOM Datasheet
141Kb / 6P
384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SSC PLL-PLL502-21SSC Datasheet
141Kb / 6P
384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
More results

Similar Description - PLL502-26SC-R

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1740 BURR-BROWN-PCM1740 Datasheet
359Kb / 20P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
logo
PhaseLink Corporation
PLL501-22 PLL-PLL501-22 Datasheet
181Kb / 5P
27MHz Multiple Output VCXO with Audio Clock
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
PLL with Integrated VCXO
logo
Cypress Semiconductor
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
logo
Asahi Kasei Microsystem...
AK8145 AKM-AK8145 Datasheet
172Kb / 6P
27MHz VCXO Clock Genrator
logo
Silicon Laboratories
AN266 SILABS-AN266 Datasheet
1Mb / 8P
VCXO TUNING SLOPE, STABILITY, AND ABSOLUTE PULL RANGE
logo
Analog Devices
ADAU1361 AD-ADAU1361_17 Datasheet
667Kb / 81P
Audio Codec with Integrated PLL
Rev. C
ADAU1761 AD-ADAU1761_17 Datasheet
882Kb / 93P
24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961_17 Datasheet
929Kb / 77P
Audio Codec with Integrated PLL
Rev. A
logo
Abracon Corporation
ABV0226 ABRACON-ABV0226 Datasheet
58Kb / 5P
High Pull-Range VCXO (27MHz) with integrated Audio PLL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com