Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AK8145 Datasheet (PDF) - Asahi Kasei Microsystems

AK8145 Datasheet PDF - Asahi Kasei Microsystems
Part # AK8145
Download  AK8145 Download
File Size   172.66 Kbytes
Page   6 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 27MHz VCXO Clock Genrator

AK8145 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK8145 Datasheet PDF - Asahi Kasei Microsystems

Part # AK8145
Download  AK8145 Click to download

File Size   172.66 Kbytes
Page   6 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 27MHz VCXO Clock Genrator

AK8145 Datasheet (HTML) - Asahi Kasei Microsystems




Similar Part No. - AK8145

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8140A AKM-AK8140A Datasheet
1Mb / 45P
Programmable Clock Generator
AK8141 AKM-AK8141 Datasheet
522Kb / 9P
Register Programable Single Clock Generator
AK8142 AKM-AK8142 Datasheet
313Kb / 19P
Programable Clock Generator IC
AK8146A AKM-AK8146A Datasheet
399Kb / 6P
Multi Clock Generator
AK8146B AKM-AK8146B Datasheet
282Kb / 6P
2-output clock generator
More results


Similar Description - AK8145

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT83027 VAISH-VT83027 Datasheet
70Kb / 3P
27MHz, 3.3V VCXO (Voltage-Controlled Crystal Oscillator)
logo
PhaseLink Corporation
P521-48 PLL-P521-48 Datasheet
110Kb / 6P
Low Phase Noise PECL VCXO (27MHz to 65MHz)
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
PLL601-22 PLL-PLL601-22 Datasheet
183Kb / 4P
27MHz Multiple output XO with Audio Clock
PLL500-27 PLL-PLL500-27 Datasheet
99Kb / 5P
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PLL502-25 PLL-PLL502-25 Datasheet
199Kb / 4P
Low Phase Noise VCXO (12MHz to 27MHz)
PLL502-26 PLL-PLL502-26 Datasheet
205Kb / 5P
High Pull-Range VCXO (27MHz) with integrated Audio PLL
PLL501-22 PLL-PLL501-22 Datasheet
181Kb / 5P
27MHz Multiple Output VCXO with Audio Clock
logo
Pericom Semiconductor C...
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
27MHz Spread Spectrum Clock Synthesizer
logo
Abracon Corporation
ABV0225 ABRACON-ABV0225 Datasheet
56Kb / 4P
Low Phase Noise VCXO (12MHz to 27MHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com