Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFSC5G35E38T2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AFSC5G35E38T2
Description  Power Amplifier Module for LTE and 5G
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFSC5G35E38T2 Datasheet(HTML) 4 Page - NXP Semiconductors

  AFSC5G35E38T2 Datasheet HTML 1Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 2Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 3Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 4Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 5Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 6Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 7Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 8Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
RF Device Data
NXP Semiconductors
AFSC5G35E38
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Gate--Bias Voltage Range
VG
–0.5 to +10
Vdc
Operating Voltage Range
VDD
24 to 31
Vdc
Storage Temperature Range
Tstg
–65 to +150
C
Case Operating Temperature
TC
125
C
Peak Input Power
(3500 MHz, Pulsed CW, 10 sec(on), 10% Duty Cycle)
Pin
25
dBm
Table 3. Lifetime
Characteristic
Symbol
Value
Unit
Mean Time to Failure
Case Temperature 125C, 7WAvg.,31Vdc
MTTF
>10
Years
Table 4. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JS--001--2017)
1A
Charge Device Model (per JS--002--2014)
C2a
Table 5. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com