Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFSC5G35E38T2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # AFSC5G35E38T2
Description  Power Amplifier Module for LTE and 5G
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFSC5G35E38T2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button AFSC5G35E38T2 Datasheet HTML 2Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 3Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 4Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 5Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 6Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 7Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 8Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 9Page - NXP Semiconductors AFSC5G35E38T2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
RF Device Data
NXP Semiconductors
AFSC5G35E38
Table 6. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests — 3400 MHz (1) (In NXP Doherty Production ATE (2) Test Fixture, 50 ohm system) VDD =30 Vdc, IDQ1A =12 mA,
IDQ2A =47 mA, VGS1B =(Vt – 0.31) Vdc, VGS2B =(Vt – 0.30) Vdc, Pout = 7 W Avg., 1--tone CW, f = 3400 MHz.
Gain
G
29.0
30.1
—
dB
Drain Efficiency
D
38.0
43.0
—
%
Pout @ 3 dB Compression Point
P3dB
43.7
44.8
—
dBm
Functional Tests — 3600 MHz (1) (In NXP Doherty Production ATE (2) Test Fixture, 50 ohm system) VDD =30 Vdc, IDQ1A =12 mA,
IDQ2A =47 mA, VGS1B =(Vt – 0.31) Vdc, VGS2B =(Vt – 0.30) Vdc, Pout = 7 W Avg., 1--tone CW, f = 3600 MHz.
Gain
G
29.3
30.5
—
dB
Drain Efficiency
D
38.0
43.1
—
%
Pout @ 3 dB Compression Point
P3dB
44.7
45.7
—
dBm
Wideband Ruggedness (3) (In NXP Doherty Power Amplifier Module Reference Circuit, 50 ohm system) IDQ1A =12 mA, IDQ2A =47 mA,
VGSP1 =1.20 Vdc, VGSP2 = 1.16 Vdc, f = 3500 MHz, Additive White Gaussian Noise (AWGN) with 10 dB PAR
ISBW of 400 MHz at 31 Vdc, 3 dB Input Overdrive from 7 W Avg.
Modulated Output Power
No Device Degradation
Typical Performance (3) (In NXP Doherty Power Amplifier Module Reference Circuit, 50 ohm system) VDD =30 Vdc, IDQ1A =12 mA,
IDQ2A =47 mA, VGSP1 =1.20 Vdc, VGSP2 =1.16 Vdc, Pout = 7 W Avg., 3500 MHz
VBW Resonance Point, 2--tone, 1 MHz Tone Spacing
(IMD Third Order Intermodulation Inflection Point)
VBWres
—
190
—
MHz
Quiescent Current Accuracy over Temperature (4)
with 2.2 k Gate Feed Resistors (–40 to 85C) Stage 1
with 2.2 k Gate Feed Resistors (–40 to 85C) Stage 2
IQT
—
—
1.0
2.0
—
—
%
1--carrier 20 MHz LTE, 8 dB Input Signal PAR
Gain
G
—
30.8
—
dB
Power Added Efficiency
PAE
—
42.0
—
%
Adjacent Channel Power Ratio
ACPR
—
–28.0
—
dBc
Adjacent Channel Power Ratio
ALT1
—
–42.0
—
dBc
Adjacent Channel Power Ratio
ALT2
—
–52.0
—
dBc
Gain Flatness (5)
GF
—
0.7
—
dB
Fast CW, 27 ms Sweep
Pout @ 3 dB Compression Point
P3dB
—
46.0
—
dBm
AM/PM @ P3dB
—
–20
—
Gain Variation @ Avg. Power over Temperature
(–40C to +105C)
G
—
0.032
—
dB/C
P3dB Variation over Temperature
(–40C to +105C)
P3dB
—
0.012
—
dB/C
Table 7. Ordering Information
Device
Tape and Reel Information
Package
AFSC5G35E38T2
T2 Suffix = 2,000 Units, 24 mm Tape Width, 13--inch Reel
10 mm  6 mm Module
1. Part input and output matched to 50 ohms.
2. ATE is a socketed test environment.
3. All data measured in fixture with device soldered in NXP reference circuit.
4. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family, and to AN1987, Quiescent Current
Control for the RF Integrated Circuit Device Family.Goto http://www.nxp.com/RF and search for AN1977 or AN1987.
5. Gain flatness = Max(G(fLow to fHigh)) – Min(G(fLow to fHigh))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com