Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL501-21 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL501-21
Description  VCXO Clock Generator IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL501-21 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL501-21 Datasheet HTML 1Page - PhaseLink Corporation PLL501-21 Datasheet HTML 2Page - PhaseLink Corporation PLL501-21 Datasheet HTML 3Page - PhaseLink Corporation PLL501-21 Datasheet HTML 4Page - PhaseLink Corporation PLL501-21 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLL501-21/23
VCXO Clock Generator IC
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 01/15/01 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
XIN
1
I
Crystal input connection (parallel mode crystal, CL = 14pF).
VDD
2
P
3.3V Power Supply.
VIN
3
I
Voltage Input for VCXO Frequency Control.
GND
4
P
Ground for PLL Core.
CLK
5
O
Clock Output.
VDD
6
P
3.3V Power Supply.
GND
7
P
Ground.
XOUT
8
O
Crystal connection.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com