Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL501-21 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL501-21
Description  VCXO Clock Generator IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL501-21 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL501-21 Datasheet HTML 1Page - PhaseLink Corporation PLL501-21 Datasheet HTML 2Page - PhaseLink Corporation PLL501-21 Datasheet HTML 3Page - PhaseLink Corporation PLL501-21 Datasheet HTML 4Page - PhaseLink Corporation PLL501-21 Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLL501-21/23
VCXO Clock Generator IC
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 01/15/01 Page 1
FEATURES
• On-chip tunable voltage-controlled crystal
oscillator circuitry (VCXO) allows precise system
frequency tuning (pull range 200ppm minimum).
• VCXO tuning range: 0-3.3V.
• Uses inexpensive fundamental-mode crystals.
• Integrated phase-locked loop (PLL) multiplies
VCXO frequency to the higher system
frequencies needed.
• 3.3V supply voltage.
• Small circuit board footprint (8-pin 0.150’’ SOIC).
• Custom frequency selections available.
• 12mA output drives capability at TTL level.
DESCRIPTIONS
The PLL501-21/23 is a monolithic low Jitter, high
performance CMOS clock generator IC. It has a
circuitry that implements a voltage-controlled crystal
oscillator when an external resonator (nominally
13.5MHz) is attached. The VCXO allows device
frequencies to be precisely adjusted for matching
requirements.
This product is ideal for Set-Top Box and multimedia
synthesizer applications.
PIN CONFIGURATION
Table 1: Crystal / Output Frequencies
DEVICE
FXIN (MHz)
CLK (MHz)
PLL501-21
13.5
27
PLL501-23
13.5
54
Note: Contact PhaseLink for custom PLL Frequencies
BLOCK DIAGRAM
VIN
XOUT
XIN
VCXO
PLL
CLK
Output
Buffer
1
2
3
4
5
6
7
8
XIN
VDD
VIN
GND
XOUT
VDD
CLK
GND


Similar Part No. - PLL501-21

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL501-22 PLL-PLL501-22 Datasheet
181Kb / 5P
27MHz Multiple Output VCXO with Audio Clock
PLL501-22XC PLL-PLL501-22XC Datasheet
181Kb / 5P
27MHz Multiple Output VCXO with Audio Clock
PLL501-22XC-R PLL-PLL501-22XC-R Datasheet
181Kb / 5P
27MHz Multiple Output VCXO with Audio Clock
More results

Similar Description - PLL501-21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
DUAL PLL VCXO CLOCK GENERATOR IC
FS6127 ETC-FS6127 Datasheet
111Kb / 6P
VCXO CLOCK GENERATOR IC
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
PLL CLOCK GENERATOR IC WITH VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
PLL Clock Generator IC with VCXO
T73227 ETC1-T73227 Datasheet
77Kb / 5P
27 MHz VCXO Clock Generator IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
VCXO Clock Generator IC
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
Clock Generator with VCXO
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
PLL Clock Generator IC with VCXO
logo
Cypress Semiconductor
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
MPEG Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com