Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL500-47BSC-R Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL500-47BSC-R
Description  Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-47BSC-R Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL500-47BSC-R Datasheet HTML 1Page - PhaseLink Corporation PLL500-47BSC-R Datasheet HTML 2Page - PhaseLink Corporation PLL500-47BSC-R Datasheet HTML 3Page - PhaseLink Corporation PLL500-47BSC-R Datasheet HTML 4Page - PhaseLink Corporation PLL500-47BSC-R Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PLL500-27B/-37B/-47B
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 09/13/04 Page 4
5. DC Specification
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
FXIN = 36MHz, 15pF output load
5
6
FXIN = 77MHz, 15pF output load
10
12
Supply Current, Dynamic,
with Loaded Outputs
IDD
FXIN = 155MHz, 15pF output load
15
18
mA
PLL500-27
N/A
pF
PLL500-37 and-47: Std drive
15
pF
Allowable output load
capacitance
CL
(Output)
PLL500-37 and-47: High drive
10
pF
Operating Voltage
VDD
2.25
3.63
V
Output High Voltage
VOH
IOH = -12mA
2.4
V
Output Low Voltage
VOL
IOL = 12mA
0.4
V
Output High Voltage at
CMOS level
IOH = -4mA
VDD – 0.4
V
Standard drive at TTL level
12
17
Output drive current
High drive at TTL level
36
51
mA
Short Circuit Current
±50
mA
VCXO Control Voltage
VCON
0
3.3
V
ESD Protection
Human Body Model
2000
V
6. Crystal Specifications
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Crystal Loading Rating (VCON = 1.65V)
CL (xtal)
8.5
pF
Maximum Sustainable Drive Level
200
µW
Operating Drive Level
50
µW
Max C0 for PLL500-27
3.5
Max C0 for PLL500-37
2.5
Max C0 for PLL500-47
2
pF
C0/C1
250
-
ESR
RS
30
Ω
Note: The crystal must be such that it oscillates (parallel resonant) at nominal frequency when presented a C Load as specified above.
If the crystal requires more load to be at nominal frequency, the additional load must be added externally.
This however may reduce the pull range.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com