Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL500-47BSC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL500-47BSC-R
Description  Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-47BSC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL500-47BSC-R Datasheet HTML 1Page - PhaseLink Corporation PLL500-47BSC-R Datasheet HTML 2Page - PhaseLink Corporation PLL500-47BSC-R Datasheet HTML 3Page - PhaseLink Corporation PLL500-47BSC-R Datasheet HTML 4Page - PhaseLink Corporation PLL500-47BSC-R Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLL500-27B/-37B/-47B
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 09/13/04 Page 1
FEATURES
• VCXO output for the 27MHz to 200MHz range
- PLL500-27: 27MHz to 65MHz
- PLL500-37: 65MHz to 130MHz
- PLL500-47: 100MHz to 200MHz
• Low phase noise (-130 dBc @ 10kHz offset).
• CMOS output with OE tri-state control.
• Selectable output drive (Standard or High drive).
- Standard: 12mA drive capability at TTL level.
- High: 36mA drive capability at TTL level.
• Fundamental crystal input.
• Integrated high linearity variable capacitors.
• +/- 150 ppm pull range, max 5% linearity.
• Low jitter (RMS): 2.5ps period jitter.
• 2.5-3.3V operation.
• Available in 8-Pin SOIC or DIE.
DESCRIPTION
The PLL500-27/-37/-47 are a low cost, high perform-
ance, low phase noise, and high linearity VCXO fam-
ily for the 27 to 200MHz range, providing less than -
130dBc at 10kHz offset. The very low jitter (2.5 ps
RMS period jitter) makes these chips ideal for appli-
cations requiring voltage controlled frequency
sources. The IC’s are designed to accept fundamen-
tal resonant mode crystals.
PIN CONFIGURATION
DIE PAD LAYOUT
FREQUENCY RANGE
PART #
MULTIPLIER
FREQUENCY
PLL500-27B
No PLL
27 – 65 MHz
PLL500-37B
No PLL
65 – 130 MHz
PLL500-47B
No PLL
100 – 200 MHz
BLOCK DIAGRAM
1
2
3
45
6
7
8
XIN
OE^
VIN
GND
XOUT
VDD*
CLK
DS^
^: Denotes internal Pull-up
1
2
3
4
7
6
5
8
Die ID:
PLL500-27B:
C500A0505-05P
PLL500-37BDC:
C500A0505-05Q
PLL500-47BDC:
C500A0505-05R


Similar Part No. - PLL500-47BSC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL500-47 PLL-PLL500-47 Datasheet
99Kb / 5P
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PLL500-47DC PLL-PLL500-47DC Datasheet
99Kb / 5P
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PLL500-47SC PLL-PLL500-47SC Datasheet
99Kb / 5P
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PLL500-47SC-R PLL-PLL500-47SC-R Datasheet
99Kb / 5P
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
More results

Similar Description - PLL500-47BSC-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M302E0622 ETC1-M302E0622 Datasheet
320Kb / 4P
VCXO 200MHz to 1000MHz
logo
PhaseLink Corporation
P521-48 PLL-P521-48 Datasheet
110Kb / 6P
Low Phase Noise PECL VCXO (27MHz to 65MHz)
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
PLL500-17B PLL-PLL500-17B Datasheet
198Kb / 5P
Low Power CMOS Output VCXO Family (17MHz to 130MHz)
PLL500-27 PLL-PLL500-27 Datasheet
99Kb / 5P
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PLL502-25 PLL-PLL502-25 Datasheet
199Kb / 4P
Low Phase Noise VCXO (12MHz to 27MHz)
PLL502-04 PLL-PLL502-04 Datasheet
180Kb / 4P
Low Phase Noise VCXO (96MHz to 200MHz)
logo
Abracon Corporation
ABV0017B ABRACON-ABV0017B Datasheet
65Kb / 5P
Low Power CMOS Output VCXO Family (17MHz to 130MHz)
03/21/05
ABV0204 ABRACON-ABV0204 Datasheet
56Kb / 4P
Low Phase Noise VCXO (96MHz to 200MHz)
03/21/05
ABV0225 ABRACON-ABV0225 Datasheet
56Kb / 4P
Low Phase Noise VCXO (12MHz to 27MHz)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com