Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS-EIG310 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # WCS-EIG310
Description  WCS interface module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS-EIG310 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  WCS-EIG310 Datasheet HTML 1Page - Pepperl+Fuchs Inc. WCS-EIG310 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WCS interface module
WCS-EIG310
< Up to 4 read heads can be connected
< DIN rail mounting
< EtherNet/IP
< Integrated switch
WCS Ethernet interface module
Dimensions
100
23
Technical Data
General specifications
Installation
DIN rail mounting
Functional safety related parameters
MTTFd
180 a
Mission Time (TM)
10 a
Diagnostic Coverage (DC)
0 %
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Power consumption
P0
≤ 3.6 W (without read heads)
Interface 1
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - WCS-EIG310

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
WCS-EIG410 PF-WCS-EIG410 Datasheet
625Kb / 3P
WCS interface module
More results

Similar Description - WCS-EIG310

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
WCS-CG310 PF-WCS-CG310 Datasheet
209Kb / 2P
WCS interface module
WCS-DG310 PF-WCS-DG310 Datasheet
208Kb / 2P
WCS interface module
WCS-ECG410 PF-WCS-ECG410 Datasheet
624Kb / 3P
WCS interface module
WCS-EIG410 PF-WCS-EIG410 Datasheet
625Kb / 3P
WCS interface module
WCS-IP110 PF-WCS-IP110 Datasheet
101Kb / 2P
WCS interface module
WCS-IP111 PF-WCS-IP111 Datasheet
100Kb / 2P
WCS interface module
WCS-IS311 PF-WCS-IS311 Datasheet
186Kb / 2P
WCS interface module
WCS-IS321 PF-WCS-IS321 Datasheet
187Kb / 2P
WCS interface module
WCS-PNG210 PF-WCS-PNG210 Datasheet
728Kb / 2P
WCS interface module
WCS-PNG410 PF-WCS-PNG410 Datasheet
637Kb / 3P
WCS interface module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com