Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS-EIG310 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # WCS-EIG310
Description  WCS interface module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS-EIG310 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  WCS-EIG310 Datasheet HTML 1Page - Pepperl+Fuchs Inc. WCS-EIG310 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
Connection of
control system
Interface type
Ethernet
Protocol
EtherNet/IP
Transfer rate
10 MBit/s or 100 MBit/s
Data output format
binary code
Interface 2
Connection of
control system
Interface type
Ethernet
Protocol
EtherNet/IP
Transfer rate
10 MBit/s or 100 MBit/s
Data output format
binary code
Interface 3
Interface type
For WCS-LS121 and WCS-LS221 readers
Switchable terminator
Update cycle of reader: 1 ms
Physical
RS-485
Protocol
half duplex
Transfer rate
62.5 Bit/s
Standard conformity
Emitted interference
EN 55011, cl. A: 2007
Noise immunity
EN 61000-4-2:2009, EN 61000-4-3:2006+A1:2008, EN 61000-4-4:2004,
EN 61000-4-5:2006
EN 61000-6-2:2005
Approvals and certificates
CCC approval
CCC approval / marking not required for products rated ≤36 V
Ambient conditions
Operating temperature
-25 ... 85 °C (-13 ... 185 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
≤ 80 %
Mechanical specifications
Connection type
Interface 1 & 2: RJ-45 socket, 8-pin
Interface 3: terminal connection ≤ 2.5 mm2 , 5-pin
Housing width
23 mm
Housing height
118 mm
Degree of protection
IP20
Material
plastic
Installation position
any position
Mass
approx. 140 g
Connection
Reading head
Ethernet /IP
Interface
WCS.-LS221
WCS-EIG310
RS 485 -
RS 485 +
24 V (Pwr)
0 V (Pwr)
X2-1
X2-2
X1-4
X1-5
X1-6
X1-7
SUB
GND
SDA
SDB
GND UB+
PE
PE
Ethernet /IP
Port 2
Ethernet
RJ45
Port 1
Ethernet
RJ45
UB+
GND
RS 485+
RS 485-
WCS interface module
WCS-EIG310
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com