Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4030 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4030
Description  Eye Tracking
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4030 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4030 Datasheet HTML 1Page - OSRAM GmbH SFH4030 Datasheet HTML 2Page - OSRAM GmbH SFH4030 Datasheet HTML 3Page - OSRAM GmbH SFH4030 Datasheet HTML 4Page - OSRAM GmbH SFH4030 Datasheet HTML 5Page - OSRAM GmbH SFH4030 Datasheet HTML 6Page - OSRAM GmbH SFH4030 Datasheet HTML 7Page - OSRAM GmbH SFH4030 Datasheet HTML 8Page - OSRAM GmbH SFH4030 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SFH 4030
3 Version 1.3 | 2020-08-10
Characteristics
I
F = 70 mA; tp = 20 ms; TA = 25 °C
Parameter
Symbol
Values
Peak wavelength
λ
peak
typ.
950 nm
Centroid wavelength
λ
centroid
typ.
940 nm
Spectral bandwidth at 50% I
rel,max (FWHM)
∆λ
typ.
42 nm
Half angle
φ
typ.
70 °
Dimensions of active chip area
L x W
typ.
0.2 x 0.2
mm x mm
Rise time (10% / 90%)
I
F = 70 mA; RL = 50 Ω
t
r
typ.
12 ns
Fall time (10% / 90%)
I
F = 70 mA; RL = 50 Ω
t
f
typ.
12 ns
Forward voltage 4)
V
F
typ.
max.
1.6 V
1.9 V
Forward voltage 4)
I
F = 500 mA; tp = 100 µs
V
F
typ.
max.
2.4 V
2.9 V
Forward voltage 4)
I
F = 10 µA; tp = 20 ms
V
F
min.
0.7 V
Reverse current 3)
V
R = 5 V
I
R
max.
10 µA
Radiant intensity 1)
I
F = 0.7 A; tp = 100 µs
I
e
typ.
40 mW/sr
Total radiant flux 5)
Φ
e
typ.
40 mW
Temperature coefficient of voltage
TC
V
typ.
-1.3 mV / K
Temperature coefficient of brightness
TC
I
typ.
-0.5 % / K
Temperature coefficient of wavelength
TC
λ
typ.
0.3 nm / K
Thermal resistance junction solder point real 6)
R
thJS real
max.
350 K / W
Thermal resistance junction ambient real 7)
R
thJA
max.
450 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com