Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4030 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4030
Description  Eye Tracking
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4030 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4030 Datasheet HTML 1Page - OSRAM GmbH SFH4030 Datasheet HTML 2Page - OSRAM GmbH SFH4030 Datasheet HTML 3Page - OSRAM GmbH SFH4030 Datasheet HTML 4Page - OSRAM GmbH SFH4030 Datasheet HTML 5Page - OSRAM GmbH SFH4030 Datasheet HTML 6Page - OSRAM GmbH SFH4030 Datasheet HTML 7Page - OSRAM GmbH SFH4030 Datasheet HTML 8Page - OSRAM GmbH SFH4030 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SFH 4030
1 Version 1.3 | 2020-08-10
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
SFH 4030
FIREFLY®
Infrared Emitter (940 nm)
—
Eye Tracking
—
Gesture Recognition
Features:
—
Package: black epoxy
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—
Very small SMT package
—
Sidelooker
Ordering Information
Type
Radiant intensity 1)2)
Radiant intensity 1)
Ordering Code
typ.
I
F = 70 mA; tp = 20 ms
I
F = 70 mA; tp = 20 ms
I
e
I
e
SFH 4030
2.8 ... 11.2 mW/sr
6 mW/sr
Q65112A7710
SFH 4030-PQ
4.5 ... 11.2 mW/sr
6 mW/sr
Q65113A0155


Similar Part No. - SFH4030

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
SFH400-3 SIEMENS-SFH400-3 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH4000 OSRAM-SFH4000 Datasheet
69Kb / 7P
Schnelle IR-Lumineszenzdiode High Speed Infrared Emitter
logo
Siemens Semiconductor G...
SFH401 SIEMENS-SFH401 Datasheet
94Kb / 2P
GaAs INFRARED EMITTER
More results

Similar Description - SFH4030

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4252 INFINEON-TLE4252 Datasheet
180Kb / 11P
Tracking Regulator
Rev. 1.2, 2004-08-11
TLE4252 INFINEON-TLE4252_07 Datasheet
607Kb / 13P
Tracking Regulator
Rev. 1.4, 2007-03-20
logo
Abracon Corporation
APAMP-110 ABRACON-APAMP-110 Datasheet
2Mb / 3P
Personal Tracking
10.27.14
logo
Delta Electronics, Inc.
DNK12 DELTA-DNK12 Datasheet
1,008Kb / 15P
Output voltage tracking
DNS DELTA-DNS Datasheet
794Kb / 15P
Output Voltage tracking
logo
Pixart Imaging Inc.
PMJ9100S1 PIXART-PMJ9100S1 Datasheet
1Mb / 15P
Media Tracking Chip
logo
Suntsu Electronics, Inc...
SATOA-50A50A48A-CMB1 SUNTSU-SATOA-50A50A48A-CMB1 Datasheet
1Mb / 3P
Vehicle Tracking
SATOA-84A84A14G-CMB1 SUNTSU-SATOA-84A84A14G-CMB1 Datasheet
294Kb / 3P
Vehicle Tracking
SATOA-110A110A53A-CMB3 SUNTSU-SATOA-110A110A53A-CMB3 Datasheet
2Mb / 3P
Vehicle Tracking
SATOA-150A64A17A-CMB5 SUNTSU-SATOA-150A64A17A-CMB5 Datasheet
3Mb / 8P
Vehicle Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com