Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAZ52211DM Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # RAZ52211DM
Description  GNSS/2x LTE/0, 1x, 2x or 3x WiFiDirect Mount
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RAZ52211DM Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  RAZ52211DM Datasheet HTML 1Page - Pulse A Technitrol Company RAZ52211DM Datasheet HTML 2Page - Pulse A Technitrol Company RAZ52211DM Datasheet HTML 3Page - Pulse A Technitrol Company RAZ52211DM Datasheet HTML 4Page - Pulse A Technitrol Company RAZ52211DM Datasheet HTML 5Page - Pulse A Technitrol Company RAZ52211DM Datasheet HTML 6Page - Pulse A Technitrol Company RAZ52211DM Datasheet HTML 7Page - Pulse A Technitrol Company RAZ52211DM Datasheet HTML 8Page - Pulse A Technitrol Company RAZ52211DM Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Description: GNSS/2x LTE/0, 1x, 2x or 3x WiFi
Direct Mount
PART NUMBER: RAZ32011DM, RAZ32012DM, RAZ42111DM,
RAZ42112DM, RAZ52211DM, RAZ52212DM, RAZ62311DM, RAZ62312DM
Series: RAZORBACK
Issue: 1827
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
For more information:
Pulse Worldwide Headquarters
Pulse/Larsen Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg,4th Phase
San Diego, CA 92128
Vancouver, WA 98683
Zeppelinstrasse 15
Suzhou New District
USA
USA
Herrenberg, Germany
Jiangsu Province, Suzhou 215009 PR China
Tel:1-858-674-8100
Tel: 1-360-944-7551
-
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
18110 SE 34th St Bldg 2 Suite 250
15255 Innovation Drive #100
Features:
Applications:
• 2x LTE 644-2700MHz (MiMo)
• 0, 1x, 2x or 3x WiFi 2.4/5GHz
• DSRC
• GNSS Active:
• Beidou, GPS, Glonass
• RHCP polarization
• Amplifier Gain 30dBi
• Size: 88.5 x 195.1 x 92.6mm
3.48 x 7.68 x 3.65 in
• Power withstanding 45W
• Available Models
• RAZ32011DM = 3 Cable, Black
RAZ32012DM = 3 Cable, White
RAZ42111DM = 4 Cable, Black
RAZ42112DM = 4 Cable, White
RAZ52211DM = 5 Cable, Black
RAZ52212DM = 5 Cable, White
RAZ62311DM = 6 Cable, Black
RAZ62312DM = 6 Cable, White
• Vehicular use Telematics
• Fleet management
• Trucking
• Navigation, GIS and survey
• Public safety
• Search and Rescue
• Metering, Utility boxes
1
RAZ52211DM (Black)
RAZ52212DM (White)


Similar Part No. - RAZ52211DM

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
RAZ52211AM PULSE-RAZ52211AM Datasheet
2Mb / 19P
GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Adhesive Mount
RAZ52211MM PULSE-RAZ52211MM Datasheet
2Mb / 19P
GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Magnetic Mount
More results

Similar Description - RAZ52211DM

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
LW 4x/2x/1x FC SFP with DDM
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
logo
NXP Semiconductors
ES-LPC435X NXP-ES-LPC435X Datasheet
70Kb / 11P
Errata sheet LPC435x/3x/2x/1x
Rev. 2-20 October 2012
logo
Anpec Electronics Corop...
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
logo
Pulse A Technitrol Comp...
LPMB40X PULSE-LPMB40X Datasheet
3Mb / 35P
2X LTE, 2XWiFi Vehicular Antenna
RAZ32011MM PULSE-RAZ32011MM Datasheet
2Mb / 19P
GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Magnetic Mount
RAZ32011AM PULSE-RAZ32011AM Datasheet
2Mb / 19P
GNSS / 2x LTE / 0, 1x, 2x or 3x WiFi Adhesive Mount
logo
WECO ELECTRICAL CONNECT...
900-S-5 WECO-900-S-5 Datasheet
105Kb / 1P
Tab connector Tab 2x 2,8 mm / 1x 6,3 mm
07.19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com