Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL502-35OCL-R Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL502-35OCL-R
Description  750kHz - 800MHz Low Phase Noise Multiplier VCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-35OCL-R Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL502-35OCL-R Datasheet HTML 1Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 2Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 3Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 4Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 5Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 6Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 7Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 8Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PLL502-35/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/19/06 Page 2
FREQUENCY SELECTION TABLE
SEL3
SEL2
SEL1
SEL0
Selected Multiplier
0
0
1
1
Fin x 32
0
1
1
0
Fin / 8
0
1
1
1
Fin x 2
1
0
0
1
Fin / 2
1
0
1
0
Fin / 16
1
0
1
1
Fin x 4
1
1
0
0
Fin / 4
1
1
0
1
Fin x 8
1
1
1
0
Fin x 16
1
1
1
1
No multiplication
Note: SEL0 is not available (always “1”) for PLL502-35 and PLL502-38 in 3x3mm package
PIN DESCRIPTIONS PLL502-35 and PLL502-38 (see next page of PLL502-37/-39)
Name
TSSOP
Pin number
3x3mm QFN
Pin number
Type
Description
XIN
2
12
I
Crystal input. See Crystal Specification on page 4.
XOUT
3
13
I
Crystal output. See Crystal Specification on page 4.
OE
6
16
I
Output enable pin (see OE logic state table on page 1).
VCON
7
1
I
Voltage Control input.
GND
8,9,10,14
2,3,4,8,11
P
Ground.
CLKT
11
5
O
True output PECL
CLKC
13
7
O
Complementary output PECL.
SEL0
16
Not available
I
SEL1
15
9
I
SEL2
5
15
I
SEL3
4
14
I
Multiplier selector pins. These pins have an internal pull-up
that will default SEL to ‘1’ when not connected to GND.
VDD
1, 12
6,10
P
+3.3V power supply.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com