Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL502-35OCL-R Datasheet(PDF) 8 Page - PhaseLink Corporation

Part # PLL502-35OCL-R
Description  750kHz - 800MHz Low Phase Noise Multiplier VCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-35OCL-R Datasheet(HTML) 8 Page - PhaseLink Corporation

  PLL502-35OCL-R Datasheet HTML 1Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 2Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 3Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 4Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 5Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 6Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 7Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 8Page - PhaseLink Corporation PLL502-35OCL-R Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PLL502-35/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/19/06 Page 8
PACKAGE INFORMATION
16 Pin TSSOP
C
L
A
EH
D
A1
e
B
Dimensions in ( mm )
Symbol
Min.
Max.
A-
1.20
A1
0.05
0.15
B0.19
0.30
C0.09
0.20
D4.90
5.10
E4.30
4.50
H
6.40 BSC
L0.45
0.75
e
0.65 BSC
16 Pin 3x3 QFN
Min.
Max.
Min.
Max.
A
0.70
0.80
0.028
0.032
A1
b
0.18
0.30
0.007
0.012
D
2.90
3.10
0.114
0.122
E
2.90
3.10
0.114
0.122
e
L
0.30
0.50
0.012
0.020
Symbol
Dimension in MM
Dimension in inch
0.50 BSC
0.020 BSC
0.203 REF
0.008 REF
D
E
ee
LL
bb
ee
LL
bb
A
A
AA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com