Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46880 Datasheet(PDF) 92 Page - Dialog Semiconductor

Part # SLG46880
Description  GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
PDF  353 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46880 Datasheet(HTML) 92 Page - Dialog Semiconductor

Back Button SLG46880 Datasheet HTML 88Page - Dialog Semiconductor SLG46880 Datasheet HTML 89Page - Dialog Semiconductor SLG46880 Datasheet HTML 90Page - Dialog Semiconductor SLG46880 Datasheet HTML 91Page - Dialog Semiconductor SLG46880 Datasheet HTML 92Page - Dialog Semiconductor SLG46880 Datasheet HTML 93Page - Dialog Semiconductor SLG46880 Datasheet HTML 94Page - Dialog Semiconductor SLG46880 Datasheet HTML 95Page - Dialog Semiconductor SLG46880 Datasheet HTML 96Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 353 page
background image
Datasheet
25-Feb-2021
CFR0011-120-00
Revision 3.12
92 of 353
© 2021 Dialog Semiconductor
SLG46880/81
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous
State Machine and Dual Supply
Note: If low power BG is powered on/off by WS, the wake time should be longer than 2.1 ms. The BG/analog start up time will
take maximal 2 ms. If low power BG is always on, OSC0 period is longer than required wake time. The short wake mode can be
used to reduce the current consumption.
To use any ACMPxH under WS controller the following settings must be done:
ACMPxH Power Up Input from matrix = 1 (for each ACMPxH separately).
Figure 58: Wake/Sleep Timing Diagram, Normal Wake Mode, Counter Set is Used
Figure 59: Wake/Sleep Timing Diagram, Short Wake Mode, Counter Set is Used
Normal ACMP
Operation
ACMP follows input
Sleep Mode
ACMP Latches New Data
Data is latched
BG/Analog
Startup time*
Force Sleep
Sleep Mode
ACMP Latches Last Data
BG/Analog_Good
(internal signal)
ACMP_PD is High
(From Connection Matrix)
CNT_SET
(From Connection Matrix)
CNT0_out
(To Connection Matrix)
time between Reset goes low
and 1st WS clock rsing edge
WS_out
(internal signal)
Note: CNT0_out is a delayed WS_out signal for 1us to make sure the data is correct during latch.
Sleep Mode
ACMP Latches New Data
Data is latched
BG/Analog
Startup time*
Normal ACMP
Operation for short time
ACMP follows inout
Force Sleep
Sleep Mode
ACMP Latches Last Data
BG/Analog_Good
(internal signal)
ACMP_PD is High
(From Connection Matrix)
CNT_RST
(From Connection Matrix)
CNT0_out
(To Connection Matrix)
time between Reset goes low
and 1st WS clock rsing edge
WS_out
(internal signal)
Note: CNT0_out is a delayed WS_out signal for 1us to make sure the data is correct during latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com