Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46880 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # SLG46880
Description  GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
PDF  353 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46880 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button SLG46880 Datasheet HTML 17Page - Dialog Semiconductor SLG46880 Datasheet HTML 18Page - Dialog Semiconductor SLG46880 Datasheet HTML 19Page - Dialog Semiconductor SLG46880 Datasheet HTML 20Page - Dialog Semiconductor SLG46880 Datasheet HTML 21Page - Dialog Semiconductor SLG46880 Datasheet HTML 22Page - Dialog Semiconductor SLG46880 Datasheet HTML 23Page - Dialog Semiconductor SLG46880 Datasheet HTML 24Page - Dialog Semiconductor SLG46880 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 353 page
background image
Datasheet
25-Feb-2021
CFR0011-120-00
Revision 3.12
21 of 353
© 2021 Dialog Semiconductor
SLG46880/81
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous
State Machine and Dual Supply
tst_out
Asynchronous State Machine
Output Transition Time
VDD = 2.5 V ± 8 %
--
--
165
ns
VDD = 3.3 V ± 10 %
--
--
70
VDD = 5.0 V ± 10 %
--
--
46
tst_pulse
Asynchronous State Machine
Input Pulse Acceptance Time
VDD = 2.5 V ± 8 %
28
--
--
ns
VDD = 3.3 V ± 10 %
19
--
--
VDD = 5.0 V ± 10 %
12
--
--
tst_comp
Asynchronous State Machine
Input Compete Time
VDD = 2.5 V ± 8 %
--
--
10
ns
VDD = 3.3 V ± 10%
--
--
7
VDD = 5.0 V ± 10 %
--
--
5
tst_sequen-
tial_delay
Asynchronous State Machine
Sequential Output Delay Time
VDD = 2.5 V ± 8 %
229
--
485
ns
VDD = 3.3 V ± 10 %
162
--
330
VDD = 5.0 V ± 10 %
119
--
208
tst_dmlatch_
delay
Asynchronous State Machine
Dynamic Memory Latch Delay
VDD = 2.5 V ± 8 %
229
--
485
ns
VDD = 3.3 V ± 10 %
162
--
330
VDD = 5.0 V ± 10 %
119
--
208
Table 10: Asynchronous State Machine Specifications at T = 25 °C(Continued)
Parameter Description
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com