Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663129 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1663129
Description  SACC-M12MR-5CON-PG 7-M
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1663129 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1663129 Datasheet HTML 1Page - PHOENIX CONTACT 1663129 Datasheet HTML 2Page - PHOENIX CONTACT 1663129 Datasheet HTML 3Page - PHOENIX CONTACT 1663129 Datasheet HTML 4Page - PHOENIX CONTACT 1663129 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 18, 2011
Extract from the online
catalog
 
SACC-M12MR-5CON-PG 7-M
Order No.: 1663129
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1663129
 
 
Sensor/actuator connector, male, angled, 5-pos., M12, A-coded, screw
connection, metal knurl, cable screw connection Pg7
 
Commercial data
GTIN (EAN)
4
017918
116590
sales group
D120
Pack
1 pcs.
Customs tariff
85366990
Catalog page information
Page 45 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
12/01/2005
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Rated current at 40°C
4 A
Rated voltage
60 V
Number of positions
5
Volume resistance
≤ 8 mΩ
Insulation resistance
≥ 100 MΩ


Similar Part No. - 1663129

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1663116 PHOENIX-1663116 Datasheet
154Kb / 4P
SACC-M12MS-5CON-PG 7-M
More results

Similar Description - 1663129

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1553213 PHOENIX-1553213 Datasheet
60Kb / 4P
Connector - SACC-M12MR-5CON-PG 7-VA
1662968 PHOENIX-1662968 Datasheet
160Kb / 4P
SACC-M12FS-5CON-PG 7-M
1662984 PHOENIX-1662984 Datasheet
164Kb / 5P
SACC-M12FR-5CON-PG 7-M
1663116 PHOENIX-1663116 Datasheet
154Kb / 4P
SACC-M12MS-5CON-PG 7-M
1694282 PHOENIX-1694282 Datasheet
97Kb / 6P
Connector - SACC-M12MR-5CON-PG 9-SH
1662256 PHOENIX-1662256 Datasheet
143Kb / 4P
SACC-M12MS-5CON-PG 7
1681473 PHOENIX-1681473 Datasheet
163Kb / 5P
SACC-M12MR-5CON-PG9-M
1693429 PHOENIX-1693429 Datasheet
147Kb / 5P
SACC-M12MR-5CON-PG 7-SH
1542965 PHOENIX-1542965 Datasheet
147Kb / 9P
Connector - SACC-MS-5CON-PG 7-M SCO
09/11/2020
1553239 PHOENIX-1553239 Datasheet
442Kb / 13P
SACC-M12MR-5CON-PG 9-VA - Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com