Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1663129 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1663129
Description  SACC-M12MR-5CON-PG 7-M
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1663129 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1663129 Datasheet HTML 1Page - PHOENIX CONTACT 1663129 Datasheet HTML 2Page - PHOENIX CONTACT 1663129 Datasheet HTML 3Page - PHOENIX CONTACT 1663129 Datasheet HTML 4Page - PHOENIX CONTACT 1663129 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SACC-M12MR-5CON-PG 7-M Order No.: 1663129
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1663129
PHOENIX CONTACT Inc., USA
Page 2 / 5
http://www.phoenixcon.com
Jan 18, 2011
Ambient temperature (operation)
-40 °C ... 85 °C (Male connector / female connector)
General characteristics
Standards/regulations
M12 connector IEC 61076-2-101
Coding
A - standard
Surge voltage category
II
Pollution degree
3
Degree of protection
IP67
Contact material
CuZn
Contact surface material
CuSnZn
Contact carrier material
PA 66
Material of grip body
PBT
Material, knurls
Zinc die-cast, (nickel-plated)
Sealing material
NBR
Type of connection
Screw connection
Conductor cross section stranded min.
0.25 mm²
Conductor cross section stranded max.
0.75 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
18
External cable diameter
4 mm ... 6 mm
Status display
No
Certificates / Approvals
Certification
CUL, GOST, UL
Accessories
Item
Designation
Description
General
1436505
SACC-M12-SET/2,5-3,5
Sensor/actuator connector, accessories, pressure screw and Pg7
seal, for unshielded M12 connector, cable diameter 2.5 mm - 3.5
mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com