Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL520-19SC Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL520-19SC
Description  Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-19SC Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL520-19SC Datasheet HTML 1Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 2Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 3Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 4Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 5Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 6Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PLL520-17/-18/-19
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
XIN
2
I
Crystal input. See Crystal Specification on page 3.
XOUT
3
I
Crystal output. See Crystal Specification on page 3.
OE
6
I
Output enable. See Output Enable Logic Levels on page 1.
VCON
7
I
Voltage control input.
GND
8,9, 10, 14
P
Ground.
CLKT
11
O
True output PECL (PLL520-18) or LVDS (PLL520-19).
No Connect for CMOS (PLL520-17).
CLKC
13
O
Complementary output PECL (PLL520-18) or LVDS (PLL520-19).
CMOS output for (PLL520-17).
SEL
4,5,15,16
I
Multiplier selector pins. These pins have an internal pull-up that will
default SEL to ‘1’ when not connected to GND.
VDD
1, 12
P
+3.3V power supply.
FREQUENCY SELECTION TABLE
Pin #4
SEL3
Pin #5
SEL2
Pin #15
SEL1
Pin #16
SEL0
Selected Multiplier
0
0
1
1
Fin x 8
1
0
1
1
Fin x 4
1
1
1
0
Fin x 2
1
1
1
1
No multiplication
All pins have internal pull-ups (default value is 1). Connect to GND to set to 0.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com