Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL520-19SC Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL520-19SC
Description  Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-19SC Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL520-19SC Datasheet HTML 1Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 2Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 3Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 4Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 5Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 6Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PLL520-17/-18/-19
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 4
5. Jitter Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
77.76MHz
2.5
155.52MHz
4
Period jitter RMS
622.08MHz
5
ps
77.76MHz
24
155.52MHz
29
Period jitter peak-to-peak
622.08MHz
32
ps
Integrated 12 kHz to 20 MHz at 77.76MHz
0.5
Integrated 12 kHz to 20 MHz at 155.52MHz
1.5
Integrated jitter RMS
Integrated 12 kHz to 20 MHz at 622.08MHz
1.5
ps
6. Phase Noise Specifications
PARAMETERS
FREQUENCY
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
UNITS
77.76MHz
-75
-95
-125
-145
-155
155.52MHz
-75
-95
-120
-125
-123
Phase Noise relative
to carrier
622.08MHz
-75
-95
-115
-118
-115
dBc/Hz
Note: Phase Noise measured at VCON = 0V
7. CMOS Output Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
IOH
VOH= VDD-0.4V, VDD=3.3V
30
mA
Output drive current
(High Drive)
IOL
VOL = 0.4V, VDD = 3.3V
30
mA
IOH
VOH= VDD-0.4V, VDD=3.3V
10
mA
Output drive current
(Standard Drive)
IOL
VOL = 0.4V, VDD = 3.3V
10
mA
Output Clock Rise/Fall Time
(Standard Drive)
0.3V ~ 3.0V with 15 pF load
2.4
Output Clock Rise/Fall Time
(High Drive)
0.3V ~ 3.0V with 15 pF load
1.2
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com