Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4060 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4060
Description  Gesture Recognition
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4060 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4060 Datasheet HTML 1Page - OSRAM GmbH SFH4060 Datasheet HTML 2Page - OSRAM GmbH SFH4060 Datasheet HTML 3Page - OSRAM GmbH SFH4060 Datasheet HTML 4Page - OSRAM GmbH SFH4060 Datasheet HTML 5Page - OSRAM GmbH SFH4060 Datasheet HTML 6Page - OSRAM GmbH SFH4060 Datasheet HTML 7Page - OSRAM GmbH SFH4060 Datasheet HTML 8Page - OSRAM GmbH SFH4060 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SFH 4060
1 Version 1.2 | 2020-08-10
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
SFH 4060
FIREFLY®
Infrared Emitter (850 nm)
—
Eye Tracking
—
Gesture Recognition
Features:
—
Package: black epoxy
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—
Very small SMT package
—
Sidelooker
Ordering Information
Type
Radiant intensity 1)2)
Radiant intensity 1)
Ordering Code
typ.
I
F = 70 mA; tp = 20 ms
I
F = 70 mA; tp = 20 ms
I
e
I
e
SFH 4060
2.8 ... 7.1 mW/sr
6 mW/sr
Q65112A7711


Similar Part No. - SFH4060

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
SFH400-3 SIEMENS-SFH400-3 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH4000 OSRAM-SFH4000 Datasheet
69Kb / 7P
Schnelle IR-Lumineszenzdiode High Speed Infrared Emitter
logo
Siemens Semiconductor G...
SFH401 SIEMENS-SFH401 Datasheet
94Kb / 2P
GaAs INFRARED EMITTER
More results

Similar Description - SFH4060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM2007 ETC1-HM2007 Datasheet
1Mb / 21P
SPEECH RECOGNITION
RSC-300 ETC2-RSC-300 Datasheet
118Kb / 8P
Speech Recognition Microcontroller
logo
ELMOS Semiconductor AG
E527.16 ELMOS-E527.16 Datasheet
575Kb / 10P
HALIOS짰 GESTURE SWITCH
logo
Silicon Laboratories
AN498 SILABS-AN498 Datasheet
2Mb / 58P
Infrared Gesture Sensing
AN580 SILABS-AN580 Datasheet
1Mb / 10P
INFRARED GESTURE SENSING
logo
STMicroelectronics
53L0-SATEL-I1 STMICROELECTRONICS-53L0-SATEL-I1 Datasheet
200Kb / 4P
Allows basic gesture recognition use case
02-May-2016
logo
Pixart Imaging Inc.
PAJ7620F2 PIXART-PAJ7620F2 Datasheet
1Mb / 25P
Integrated Gesture Recognition Sensor
PAJ7620U2 PIXART-PAJ7620U2 Datasheet
1Mb / 28P
Integrated Gesture Recognition Sensor
logo
ELMOS Semiconductor AG
E909.21 ELMOS-E909.21 Datasheet
144Kb / 2P
HALIOS Controller for Proximity and Gesture Recognition
logo
OSRAM GmbH
V205Q121A-940 OSRAM-V205Q121A-940 Datasheet
1Mb / 20P
Gesture Recognition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com