Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7016 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH7016
Description  ?봈ealth Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7016 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH7016 Datasheet HTML 1Page - OSRAM GmbH SFH7016 Datasheet HTML 2Page - OSRAM GmbH SFH7016 Datasheet HTML 3Page - OSRAM GmbH SFH7016 Datasheet HTML 4Page - OSRAM GmbH SFH7016 Datasheet HTML 5Page - OSRAM GmbH SFH7016 Datasheet HTML 6Page - OSRAM GmbH SFH7016 Datasheet HTML 7Page - OSRAM GmbH SFH7016 Datasheet HTML 8Page - OSRAM GmbH SFH7016 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SFH 7016
4 Version 1.3 | 2021-05-27
Relative Spectral Emission 7), 8)
● infrared (940 nm): I
e,rel = f (λ); IF = 20 mA; tp = 20 ms
800
0
nm
%
OHF04134
20
40
60
80
100
Irel
λ
850
900
950
1025
Relative Spectral Emission 7), 8)
● hyper red: I
e,rel = f (λ); IF = 20 mA; tp = 20 ms
550
0
nm
%
OHF05734
Irel
λ
600
650
700
750
10
20
30
40
50
60
70
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com