Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7016 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH7016
Description  ?봈ealth Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7016 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH7016 Datasheet HTML 1Page - OSRAM GmbH SFH7016 Datasheet HTML 2Page - OSRAM GmbH SFH7016 Datasheet HTML 3Page - OSRAM GmbH SFH7016 Datasheet HTML 4Page - OSRAM GmbH SFH7016 Datasheet HTML 5Page - OSRAM GmbH SFH7016 Datasheet HTML 6Page - OSRAM GmbH SFH7016 Datasheet HTML 7Page - OSRAM GmbH SFH7016 Datasheet HTML 8Page - OSRAM GmbH SFH7016 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SFH 7016
1 Version 1.3 | 2021-05-27
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
SFH 7016
Multi CHIPLED®
Green (530 nm), Red (655 nm) and
Infrared (940 nm) Emitter
—
—
Health Monitoring (Heart Rate Monitoring,
Pulse Oximetry)
Features:
—
—
Package: clear silicone
—
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—
—
SMT package
—
—
Suitable for SMT assembly
—
—
Available on tape and reel
—
—
Emitters can be controlled separately
Ordering Information
Type
Brightness 1)2)
Ordering Code
SFH 7016
Q65112A7849
● true green
● I
e = 2.20 ... 5.40 mW/sr (IF = 20 mA)
Q65112A7849
● hyper red
● I
e = 2.20 ... 6.75 mW/sr (IF = 20 mA)
Q65112A7849
● infrared (940 nm)
● I
e = 1.65 ... 4.05 mW/sr (IF = 20 mA)
Q65112A7849


Similar Part No. - SFH7016

ManufacturerPart #DatasheetDescription
logo
ams AG
SFH7016 AMSCO-SFH7016 Datasheet
1Mb / 23P
Green (530 nm), Red (655 nm) and Infrared (940 nm) Emitter
Version 1.5 2022-04-12
More results

Similar Description - SFH7016

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4404 TI-AFE4404_15 Datasheet
1Mb / 80P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
AFE4410 TI1-AFE4410 Datasheet
137Kb / 7P
Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing
AFE4410 TI1-AFE4410_17 Datasheet
682Kb / 10P
Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing
logo
OSRAM GmbH
SFH2704 OSRAM-SFH2704 Datasheet
913Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
Health Monitoring (Heart Rate Monitoring,
SFH2703 OSRAM-SFH2703 Datasheet
936Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
SFH2713 OSRAM-SFH2713 Datasheet
937Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PLT5520B OSRAM-PLT5520B Datasheet
1Mb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
logo
Renesas Technology Corp
OB1203 RENESAS-OB1203 Datasheet
1Mb / 72P
Heart Rate, Blood Oxygen Concentration, Pulse Oximetry, Proximity, Light and Color Sensor
July 22, 2022
logo
Richtek Technology Corp...
RT1025 RICHTEK-RT1025 Datasheet
621Kb / 24P
Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com