Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC631LP3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC631LP3
Description  GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC631LP3 Datasheet(HTML) 1 Page - Analog Devices

  HMC631LP3 Datasheet HTML 1Page - Analog Devices HMC631LP3 Datasheet HTML 2Page - Analog Devices HMC631LP3 Datasheet HTML 3Page - Analog Devices HMC631LP3 Datasheet HTML 4Page - Analog Devices HMC631LP3 Datasheet HTML 5Page - Analog Devices HMC631LP3 Datasheet HTML 6Page - Analog Devices HMC631LP3 Datasheet HTML 7Page - Analog Devices HMC631LP3 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
10
10 - 58
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
GaAs HBT VECTOR
MODULATOR 1.8 - 2.7 GHz
v00.1007
HMC631LP3 / 631LP3E
General Description
Features
Functional Diagram
The HMC631LP3 & HMC631LP3E are high dynamic
range Vector Modulator RFICs which are targeted
for RF predistortion and feed-forward cancellation
circuits, as well as RF cancellation, beam forming and
amplitude/phase correction circuits. The I & Q ports
of the HMC631LP3(E) can be used to continuously
vary the phase and amplitude of RF signals by up to
360 degrees and 40 dB respectively, while supporting
a 3 dB modulation bandwidth of 200 MHz. With an
output IP3 of +26 dBm and output noise floor of -160
dBm/Hz (at maximum gain setting), the IP3/noise floor
ratio is 186 dB.
Continuous Phase Control: 360°
Continuous Gain Control: 40 dB
Output Noise Floor: -160 dBm/Hz
Input IP3: +35 dBm
16 Lead 3x3mm SMT Package: 9mm2
Typical Applications
The HMC631LP3(E) is ideal for:
• Cellular/3G & WiMAX Systems
• Wireless Infrastructure HPA &
MCPA Error Correction
• Pre-Distortion or Feed-Forward Linearization
• Beam Forming & Nulling Circuits
Electrical Specifications, T
A = +25° C, Vcc= +8V
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
1.8 - 2.2
2.2 - 2.7
GHz
Maximum Gain[1]
-11
-9
-11
dB
Gain Variation Over Temperature
0.016
0.025
0.016
dB / °C
Gain Flatness Across Any 60 MHz Bandwidth
0.15
0.4
dB
Gain Range
40
40
dB
Input Return Loss
9
9
dB
Output Return Loss
13
10
dB
Input Power for 1dB Compression (P1dB)
15
18
21
dBm
Input Third Order Intercept (IP3)
35
37
dBm
Output Noise
-160
-160
dBm/Hz
Control Port Bandwidth (-3 dB)
200
200
MHz
Control Port Impedance
1.45k
1.45k
Ohms
Control Port Capacitance
0.22
0.22
pF
Control Voltage Range
+0.5 to +2.5
+0.5 to +2.5
Vdc
Group Delay Variation Over 60 MHz Bandwidth
20
20
ps
Supply Current (Icq)
93
93
mA
Unless otherwise noted, measurements are made @ max. gain setting and 45˚ phase setting. See application circuit for details.
[1]Includes loss of input balun (0.8 dB typ.)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC631LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC631LP3 HITTITE-HMC631LP3 Datasheet
284Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
HMC631LP3E HITTITE-HMC631LP3E Datasheet
284Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
More results

Similar Description - HMC631LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC135 HITTITE-HMC135 Datasheet
122Kb / 4P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC631LP3 HITTITE-HMC631LP3 Datasheet
284Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
HMC135 HITTITE-HMC135_07 Datasheet
452Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
logo
Merrimac Industries, In...
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
VECTOR MODULATOR
logo
Hittite Microwave Corpo...
HMC135 HITTITE-HMC135_09 Datasheet
451Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC500LP3 HITTITE-HMC500LP3_09 Datasheet
267Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
HMC500LP3 AD-HMC500LP3 Datasheet
394Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com