Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9850EVCMOD2 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX9850EVCMOD2
Description  On-Board 12MHz Crystal Oscillator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9850EVCMOD2 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX9850EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 10Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 11Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 12Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 13Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 14Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 15Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Access to the MAX9850 analog inputs and outputs, is
provided through RCA jacks J3–J6. Access the
MAX9850 headphone outputs through the headphone
jack J8 or the provided LEFT, RIGHT, and GND pads.
The EV kit also features on-board level translators that
allow the on-board S/PDIF receiver to communicate
with the MAX9850 over the entire MAX9850 VDD volt-
age range (1.8V to 3.6V). The CMOD232 command
module powers half of the on-board level translators.
For optimum performance, digital audio systems
require a stable frequency source. The MAX9850 EV kit
features an on-board 12MHz crystal oscillator. In addi-
tion, the MAX9850 EV kit can also use a user-provided
signal source that is connected to J9. Alternatively, the
S/PDIF recovered clock can be used. The MAX9850 ev
kit software controls which clock signal is routed to the
MCLK input (see the
Clock Setup section for more
details).
MAX9850 Evaluation System/Evaluation Kit
12
______________________________________________________________________________________
Figure 12. MAX9850 EV Kit Software Receiver (Status) Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com