Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9850EVCMOD2 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9850EVCMOD2
Description  On-Board 12MHz Crystal Oscillator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9850EVCMOD2 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9850EVCMOD2 Datasheet HTML 1Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 2Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MAX9850 Evaluation System/Evaluation Kit
2
_______________________________________________________________________________________
SUPPLIER
PHONE
FAX
WEBSITE
AVX Corp.
843-946-0238
843-626-3123
www.avxcorp.com
Coilcraft, Inc.
847-639-6400
847-639-1469
www.coilcraft.com
TDK Corp.
847-803-6100
847-390-4405
www.component.tdk.com
Component Suppliers
DESIGNATION
QTY
DESCRIPTION
C32, C33, C34,
C36, C38, C39
6
0.01µF ±5%, 25V C0G ceramic
capacitors (0603)
TDK C1608C0G1E103J
C40
1
0.022µF ±10%, 25V X7R ceramic
capacitor (0402)
TDK C1005X7R1E223K
C41
1
1000pF ±5%, 50V C0G ceramic
capacitor (0603)
TDK C1608C0G1H102J
C42
0
Not installed (0603)
J1
1
2 x 10 right-angle female receptacle
J2
1
Digital audio optical receiver
Toshiba TORX147L
J3, J5
2
Phono jacks, red
J4, J6
2
Phono jacks, white
J7
1
Phono jack, yellow
J8
1
Switched stereo headphone jack
(3.5mm dia)
J9
1
SMA PC-mount connector
J10
1
8-pin header
JU1
1
Dual-row 6-pin header
JU2
1
2-pin header
JU3
1
3-pin header
L1
1
3.3µH ±10%, 270mA inductor (1812)
Coilcraft 1812CS-332XKL
L2
1
47µH ±10%, 200mA inductor (1812)
Coilcraft 1812LS-473XKL
R1, R2, R3, R13
4
1k
±5% resistors (0603)
R4
1
47k
±5% resistor (0603)
R5
1
75
±5% resistor (0603)
R6, R7, R8,
R12
0
Not installed, resistors (0603)
R9, R10
2
1k
±5% resistors (0402)
Component Lists (continued)
DESIGNATION
QTY
DESCRIPTION
R11
1
3.01k
Ω ±1% resistor (0603)
R14
0
Not installed, resistor—short (PC
trace) (1206)
R15
1
4.7k
Ω ±5% resistor (0603)
SW1
0
Not installed
U1
1
Stereo audio DAC (28 TQFN)
Maxim MAX9850ETI+
U2
1
192kHz digital audio receiver
(28 TSSOP)
Cirrus Logic CS8416-CZZ
U3
1
Level translator (10 µMAX®)
Maxim MAX1840EUB+
U4
1
16-bit, dual-supply bus transceiver
(48 TSSOP)
Texas Instruments
SN74AVCAH164245GR
U5
1
Dual/triple voltage microprocessor
supervisor (5 SC70)
(Top Mark: AFS)
Maxim MAX6736XKTGD3+
U6, U7
2
2:1 noninverting multiplexers
(6 SC70)
Fairchild Semi NC7SV157P6X_NL
(Top Mark: VF7)
U8
1
Schmitt trigger buffer (5 SC70)
Fairchild Semi NC7SV17P5X_NL
(Top Mark: V17)
Y1
1
Low-jitter crystal clock oscillator
CTS Frequency Controls
CB3LV-3C-12.0000-T
—
3
Shunts
—
1
PCB: MAX9850 Evaluation Kit#
Note: Indicate that you are using the MAX9850 when contacting these component suppliers.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
#
Denotes RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com