Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML3440 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ML3440
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ML3440 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML3440 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
Rev. B, Sep 2005
Operation (3)
Low Noise Fixed Frequency Operation
Burst Mode Operation (2)
Figure 4
Inductor Discharge Cycle During Burst Mode Operation
Burst Mode Operation to Fixed Frequency
Transient Response
When transitioning from Burst Mode operation to fixed
frequency, the system exhibits a transient since the modes
of operation have changed. For most systems this transient
is acceptable, but the application may have stringent input
current and/or output voltage requirements that dictate a
broad-band voltage loop to minimize the transient.
Lowering the DC gain of the loop will facilitate the task (10M
FB to Vc) at the expense of DC load regulation.
SOFT-START
The soft-start function is combined with shutdown. When
the SHDN/SS pin is brought above typically 1V, the IC is
enabled but the EA duty cycle is clamped from the Vc pin.
A detailed diagram of this function is shown in Figure 5.
The components Rss and Css provide a slow ramping
voltage on the SHDN/SS pin to provide a soft-start
function.
Figure 5 Soft-Start Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com