Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML3440 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML3440
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ML3440 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML3440 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML3440 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
Rev. B, Sep 2005
ML3440
Micropower Synchronous
Buck-Boost DC/DC Converter
Description
The ML3440 is a high efficiency, fixed frequency,
Buck-Boost DC/DC converter that operates from input
voltages above, below or equal to the output voltage. The
topology incorporated in the IC provides a continuous
transfer function through all operating modes, making the
product ideal for single lithium-ion, multicell alkaline or
NiMH applications where the output voltage is within the
battery voltage range.
The device includes two 0.19Ω N-channel MOSFET
switches and two 0.22Ω P-channel switches. Switching
frequencies up to 2MHz are programmed with an external
resistor and the oscillator can be synchronized to an
external clock. Quiescent current is only 25uA in Burst
Mode operation, maximizing battery life in portable
applications. Burst Mode operation is user controlled and
can be enabled by driving the MODE/SYNC pin high. If the
MODE/SYNC pin has either a clock or is driven low, then
fixed frequency switching is enabled.
ML3440 include a 1uA shutdown, soft-start control,
thermal shutdown and current limit. The ML3440 is
available in the 10-pin thermally enhance MSOP package.
Typical Application
Features
Single Inductor
Fixed Frequency Operation with Battery voltages
Above, Below or Equal to the Output.
Synchronous Rectification: Up to 96% Efficiency
25uA Quiescent current in Burst Mode Operation
Up to 600mA continuous Output Current
No schottky Diodes Required (VOUT <4.3V)
VOUT Disconnected from VIN During Shutdown
2.5V to 5.5V Input and Output Range
Programmable Oscillator Frequency from 300KHz to
2MHz
Synchronizable Oscillator
Burst Mode Enable control
<1uA Shutdown Current
Small Thermally Enhanced 10-Pin MSOP Package
Applications
Palmtop Computers
MP3 Players
Handheld Instruments
Digital Cameras
Ordering Information
Item
Package
Shipping
ML3440SRG
MSOP-10
1000/ Tape&Reel
Efficiency
vs
VIN
ML3440


Similar Part No. - ML3440

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML3401 MITSUBISHI-ML3401 Datasheet
229Kb / 7P
MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
Synchronous Step-Down DC-DC Controller
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
DC-to-DC Converter Control Circuit
ML34063M MINILOGIC-ML34063M Datasheet
104Kb / 5P
DC-to-DC Converter Control Circuit
ML34063MG MINILOGIC-ML34063MG Datasheet
104Kb / 5P
DC-to-DC Converter Control Circuit
More results

Similar Description - ML3440

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3443 LINER-LTC3443 Datasheet
201Kb / 16P
High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3444 LINER-LTC3444 Datasheet
209Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com