Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX13331 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX13331
Description  Low-Profile (1.2mm, max) Design
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13331 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX13331 Datasheet HTML 1Page - Maxim Integrated Products MAX13331 Datasheet HTML 2Page - Maxim Integrated Products MAX13331 Datasheet HTML 3Page - Maxim Integrated Products MAX13331 Datasheet HTML 4Page - Maxim Integrated Products MAX13331 Datasheet HTML 5Page - Maxim Integrated Products MAX13331 Datasheet HTML 6Page - Maxim Integrated Products MAX13331 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX13331 evaluation kit (EV kit) is a fully assem-
bled and tested surface-mount circuit board that evalu-
ates the MAX13331 DirectDrive® stereo headphone
amplifier. DirectDrive eliminates the two large DC-
blocking capacitors typically required between the out-
put of the amplifier and the headphones. The
MAX13331 EV kit includes two RCA phono jacks on the
input and a 3.5mm headphone jack on the output to
facilitate easy connections to the circuit board.
The MAX13331 EV kit can also evaluate the MAX13330
IC. This requires the IC replacement of U1.
Features
♦ No DC-Blocking Capacitors Required
♦ 4V to 5.5V Single-Supply Operation
♦ Adjustable Gain (MAX13331 Only)
♦ 125mW Per Channel into 32Ω at 0.01% THD+N
♦ Shutdown Control
♦ Ultra-Compact Solution
♦ Low-Profile (1.2mm, max) Design
♦ Lead(Pb)-Free and RoHS Compliant
♦ Fully Assembled and Tested Surface-Mount Board
MAX13331 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-4499; Rev 1; 4/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TYPE
MAX13331EVKIT+
EV Kit
+
Denotes lead(Pb)-free and RoHS compliant.
Component List
DESIGNATION
QTY
DESCRIPTION
C1, C2
2
1µF ±10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C105K
TDK C1608X7R1C105K
C3, C4, C11
3
1000pF ±10%, 50V X7R ceramic
capacitors (0402)
Murata GRM155R71H102K
TDK C1005X7R1H102K
C5, C7, C8
3
1µF ±10%, 10V X7R ceramic
capacitors (0603)
Murata GRM188R71A105K
TDK C1608X7R1A105K
C6, C9, C14
3
0.1µF ±10%, 16V X7R ceramic
capacitors (0402)
Murata GRM155R71C104K
TDK C1005X7R1C104K
C10
1
10µF ±10%, 10V X7R ceramic
capacitor (0805)
Murata GRM21BR71A106K
C12, C13
2
0.01µF ±10%, 50V X7R ceramic
capacitors (0402)
Murata GRM155R71H103K
DESIGNATION
QTY
DESCRIPTION
J1
1
3.5mm stereo headphone jack
JU1
1
2-pin header, 0.1in centers
JU2
0
Not installed, 2-pin header, 0.1in
centers
OUTL, OUTR,
SGND
0
Not installed, miniature test points
P1
1
RCA phono jack (side-entry PCB
mount), white
P2
1
RCA phono jack (side-entry PCB
mount), red
R1, R2, R5
3
15k
Ω ±1% resistors (0402)
R3, R4
2
22.6k
Ω ±1% resistors (0402)
U1
1
Automotive DirectDrive headphone
amplifier (16 QSOP)
Maxim MAX13331GEE/V+
—
1
Shunt
—
1
PCB: MAX13331 EVALUATION KIT+
DirectDrive is a registered trademark of Maxim Integrated
Products, Inc.


Similar Part No. - MAX13331

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13331 MAXIM-MAX13331 Datasheet
248Kb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13331 MAXIM-MAX13331 Datasheet
382Kb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
logo
Analog Devices
MAX13331 AD-MAX13331 Datasheet
1Mb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 5 3/21
logo
Maxim Integrated Produc...
MAX13331GEE MAXIM-MAX13331GEE Datasheet
393Kb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 3; 7/11
MAX13331GEE/V+T MAXIM-MAX13331GEE/V+T Datasheet
248Kb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
More results

Similar Description - MAX13331

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMW21R0FT MACOM-SMW21R0FT Datasheet
126Kb / 3P
Low Profile Design
logo
CUI INC
SJ2-2594A-SMT-TR CUI-SJ2-2594A-SMT-TR Datasheet
487Kb / 4P
low profile design
SJ2-2542X-SMT CUI-SJ2-2542X-SMT Datasheet
649Kb / 4P
low profile design
logo
Murata Manufacturing Co...
LQH2HPN100MJR MURATA1-LQH2HPN100MJR Datasheet
433Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.2mm max. Thickness. Low DC resistance design
11/22/2022
LQH2HPN150MJR MURATA1-LQH2HPN150MJR Datasheet
427Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.2mm max. Thickness. Low DC resistance design
11/22/2022
LQH2HPN1R0NJR MURATA1-LQH2HPN1R0NJR Datasheet
432Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.2mm max. Thickness. Low DC resistance design
11/22/2022
LQH2HPN1R2NJR MURATA1-LQH2HPN1R2NJR Datasheet
423Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.2mm max. Thickness. Low DC resistance design
11/22/2022
LQH2HPN1R5NJR MURATA1-LQH2HPN1R5NJR Datasheet
415Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.2mm max. Thickness. Low DC resistance design
11/22/2022
LQH2HPN3R3MJR MURATA1-LQH2HPN3R3MJR Datasheet
430Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.2mm max. Thickness. Low DC resistance design
11/22/2022
LQH2HPN4R7MJR MURATA1-LQH2HPN4R7MJR Datasheet
425Kb / 4P
Size Code 2520 (1008) in mm (in inch), 1.2mm max. Thickness. Low DC resistance design
11/22/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com