Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XB4BA711237 Datasheet(PDF) 2 Page - Schneider Electric

Part # XB4BA711237
Description  Triple headed push button, Harmony XB4, white flush/red projecting/black flush pushbutton 횠22 mm 1NO1NC1 NO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XB4BA711237 Datasheet(HTML) 2 Page - Schneider Electric

  XB4BA711237 Datasheet HTML 1Page - Schneider Electric XB4BA711237 Datasheet HTML 2Page - Schneider Electric XB4BA711237 Datasheet HTML 3Page - Schneider Electric XB4BA711237 Datasheet HTML 4Page - Schneider Electric XB4BA711237 Datasheet HTML 5Page - Schneider Electric XB4BA711237 Datasheet HTML 6Page - Schneider Electric XB4BA711237 Datasheet HTML 7Page - Schneider Electric XB4BA711237 Datasheet HTML 8Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Black flush, left arrow (white)
Contacts usage
Standard contacts
Positive opening
With EN/IEC 60947-5-1 appendix K
Operating travel
0.06 in (1.5 mm) NC changing electrical state)
0.10 in (2.6 mm) NO changing electrical state)
0.17 in (4.3 mm) total travel)
Operating force
3.5 N NC changing electrical state
3.8 N NO changing electrical state
Mechanical durability
1000000 cycles
Tightening torque
7.08…10.62 lbf.in (0.8…1.2 N.m) EN 60947-1
Shape of screw head
Cross compatible with JIS No 1 screwdriver
Cross compatible with Philips no 1 screwdriver
Cross compatible with pozidriv No 1 screwdriver
Slotted compatible with flat Ø 4 mm screwdriver
Slotted compatible with flat Ø 5.5 mm screwdriver
Contacts material
Silver alloy (Ag/Ni)
Short-circuit protection
10 A cartridge fuse gG EN/IEC 60947-5-1
[Ith] conventional free air thermal
current
10 A EN/IEC 60947-5-1
[Ui] rated insulation voltage
600 V 3)EN 60947-1
[Uimp] rated impulse withstand voltage
6 kV EN 60947-1
[Ie] rated operational current
3 A 240 V, AC-15, A600 EN/IEC 60947-5-1
6 A 120 V, AC-15, A600 EN/IEC 60947-5-1
0.1 A 600 V, DC-13, Q600 EN/IEC 60947-5-1
0.27 A 250 V, DC-13, Q600 EN/IEC 60947-5-1
0.55 A 125 V, DC-13, Q600 EN/IEC 60947-5-1
1.2 A 600 V, AC-15, A600 EN/IEC 60947-5-1
Electrical durability
1000000 cycles, AC-15, 2 A 230 V 3600 cyc/h 0.5 EN/IEC 60947-5-1 appendix C
1000000 cycles, AC-15, 3 A 120 V 3600 cyc/h 0.5 EN/IEC 60947-5-1 appendix C
1000000 cycles, AC-15, 4 A 24 V 3600 cyc/h 0.5 EN/IEC 60947-5-1 appendix C
1000000 cycles, DC-13, 0.2 A 110 V 3600 cyc/h 0.5 EN/IEC 60947-5-1 appendix C
1000000 cycles, DC-13, 0.5 A 24 V 3600 cyc/h 0.5 EN/IEC 60947-5-1 appendix C
Electrical reliability
Λ < 10exp(-6) 5 V 1 mA in clean environment EN/IEC 60947-5-4
Λ < 10exp(-8) 17 V 5 mA in clean environment EN/IEC 60947-5-4
Device presentation
Complete product
Environment
Protective treatment
TH
Ambient Air Temperature for Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-13…158 °F (-25…70 °C)
Electrical shock protection class
Class I IEC 61140
IP degree of protection
IP69K IEC 60529
IP69 IEC 60529
NEMA degree of protection
NEMA 13
NEMA 4X
IK degree of protection
IK06 conforming to IEC 50102
Standards
EN/IEC 60947-1
EN/IEC 60947-5-5
EN/IEC 60947-5-4
EN/IEC 60947-5-1
UL 508
CSA C22.2 No 14
JIS C8201-5-1
JIS C8201-1
Product Certifications
UL Listed
CSA
BV
DNV
LROS (Lloyds register of shipping)
GL
Vibration resistance
5 gn 2…500 Hz)IEC 60068-2-6
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com