Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XB4BA711237 Datasheet(PDF) 1 Page - Schneider Electric

Part # XB4BA711237
Description  Triple headed push button, Harmony XB4, white flush/red projecting/black flush pushbutton 횠22 mm 1NO1NC1 NO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XB4BA711237 Datasheet(HTML) 1 Page - Schneider Electric

  XB4BA711237 Datasheet HTML 1Page - Schneider Electric XB4BA711237 Datasheet HTML 2Page - Schneider Electric XB4BA711237 Datasheet HTML 3Page - Schneider Electric XB4BA711237 Datasheet HTML 4Page - Schneider Electric XB4BA711237 Datasheet HTML 5Page - Schneider Electric XB4BA711237 Datasheet HTML 6Page - Schneider Electric XB4BA711237 Datasheet HTML 7Page - Schneider Electric XB4BA711237 Datasheet HTML 8Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product data sheet
Characteristics
XB4BA711237
Triple headed push button, Harmony XB4, white
flush/red projecting/black flush pushbutton Ø22
mm 1NO+1NC+1 NO
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 120.00 USD
Main
Range of product
Harmony XB4
Product or Component Type
Triple-headed push-button
Device short name
XB4
Bezel material
Chromium plated metal
Fixing collar material
Zamak
Head type
Standard
Mounting diameter
0.87 in (22 mm)
Shape of signaling unit head
Rectangular
Type of operator
spring return
Operator profile
2 flush - 1 central projecting STOP push-buttons
Operators description
White ''right arrow'' - black ''left arrow'' - red ''STOP''
Contacts type and composition
1 NO + 1 NC
Contact operation
Slow-break
Connections - terminals
Screw clamp terminals, <= 2 x 1.5 mm² with cable end EN/IEC 60947-1
Screw clamp terminals, >= 1 x 0.22 mm² without cable end EN/IEC 60947-1
Spring terminals, <= 2 x 1.5 mm² with cable end EN/IEC 60947-1
Spring terminals, >= 1 x 0.22 mm² without cable end EN/IEC 60947-1
Complementary
Product Weight
0.28 lb(US) (0.128 kg)
Resistance to high pressure washer
1015.26 psi (7000000 Pa) 131 °F (55 °C) 0.1 m
Colour of marking
White marking when green, red or black caps
Black marking when white caps
Operator profile
Red projecting, STOP (white)
White flush, right arrow (black)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Sep 29, 2021
1


Similar Part No. - XB4BA711237

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB4BA731327 SCHNEIDER-XB4BA731327 Datasheet
389Kb / 8P
Harmony XB4, Triple-headed push button, metal, 횠22, marked, 1 green flush I 1 red projecting STOP 1 green flush II, 2 NO 1 NC
Sep 29, 2021
More results

Similar Description - XB4BA711237

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA791 SCHNEIDER-ZB4BA791 Datasheet
404Kb / 11P
Head for triple headed push button, Harmony XB4, flush/red projecting/ flush pushbutton 횠22 mm without cap
Oct 18, 2021
ZB4BA71114 SCHNEIDER-ZB4BA71114 Datasheet
394Kb / 11P
Head for triple headed push button, Harmony XB4, white flush/red projecting/white flush pushbutton 횠22 mm with marking
Oct 18, 2021
ZB4BA71115 SCHNEIDER-ZB4BA71115 Datasheet
394Kb / 11P
Head for triple headed push button, Harmony XB4, white flush/red projecting/white flush pushbutton 횠22 mm with marking
Oct 18, 2021
ZB4BA73133 SCHNEIDER-ZB4BA73133 Datasheet
407Kb / 11P
Head for triple headed push button, Harmony XB4, green flush/red projecting/green flush pushbutton 횠22 mm with marking
Oct 18, 2021
ZB4BA73134 SCHNEIDER-ZB4BA73134 Datasheet
406Kb / 11P
Head for triple headed push button, Harmony XB4, green flush/red projecting/green flush pushbutton 횠22 mm with marking
Oct 18, 2021
ZB4BA711137 SCHNEIDER-ZB4BA711137 Datasheet
393Kb / 11P
Head for triple headed push button, Harmony XB4, white flush/red projecting/white flush pushbutton 횠22 mm with marking
Oct 18, 2021
ZB4BA711147 SCHNEIDER-ZB4BA711147 Datasheet
393Kb / 11P
Head for triple headed push button, Harmony XB4, white flush/red projecting/white flush pushbutton 횠22 mm with marking
Oct 18, 2021
ZB4BA731347 SCHNEIDER-ZB4BA731347 Datasheet
406Kb / 11P
Head for triple headed push button, Harmony XB4, green flush/red projecting/green flush pushbutton 횠22 mm with marking
Oct 18, 2021
ZB5AA71123 SCHNEIDER-ZB5AA71123 Datasheet
414Kb / 11P
Head for triple headed push button, Harmony XB5, XB4, white flush/red projecting/black flush pushbutton 횠22 mm with marking
Mar 14, 2022
ZB5AA791 SCHNEIDER-ZB5AA791 Datasheet
417Kb / 11P
Head for triple headed push button, Harmony XB5, XB4, flush/red projecting/flush pushbutton 횠22 mm without cap
Mar 14, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com