Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ48 Datasheet(PDF) 21 Page - Bel Fuse Inc.

Part # SQ48
Description  Industry-standard quarter-brick pinout
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SQ48 Datasheet(HTML) 21 Page - Bel Fuse Inc.

Back Button SQ48 Datasheet HTML 17Page - Bel Fuse Inc. SQ48 Datasheet HTML 18Page - Bel Fuse Inc. SQ48 Datasheet HTML 19Page - Bel Fuse Inc. SQ48 Datasheet HTML 20Page - Bel Fuse Inc. SQ48 Datasheet HTML 21Page - Bel Fuse Inc. SQ48 Datasheet HTML 22Page - Bel Fuse Inc. SQ48 Datasheet HTML 23Page - Bel Fuse Inc. SQ48 Datasheet HTML 24Page - Bel Fuse Inc. SQ48 Datasheet HTML 25Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
© 2015 Bel Power Solutions, inc.
866.513.2839
tech.support@psbel.com
belpowersolutions.com
BCD.00637_AA
Fig. 6.0V.7: Power dissipation vs. load current and
Fig. 6.0V.8: Power dissipation vs. load current and
input voltage for SQ48T/S08060 converter mounted
ambient temperature for SQ48T/S08060 converter
vertically with air flowing from pin 3 to pin 1 at a rate of
mounted vertically with Vin = 48V and air flowing from
300 LFM (1.5 m/s) and Ta = 25° C.
pin 3 to pin 1 at a rate of 200 LFM (1.0 m/s).
Fig. 6.0V.9: Turn-on transient at full rated load current
Fig. 6.0V.10: Turn-on transient at full rated load
(resistive) with no output capacitor at Vin = 48V,
current (resistive) plus 10,000
μF at Vin = 48V,
triggered via ON/OFF pin. Top trace: ON/OFF signal
triggered via ON/OFF pin. Top trace: ON/OFF signal
(5 V/div.). Bottom trace: output voltage (2V/div.). Time
(5 V/div.). Bottom trace: output voltage (2V/div.). Time
scale: 2 ms/div.
scale: 5 ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com