Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ48 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # SQ48
Description  Industry-standard quarter-brick pinout
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SQ48 Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button SQ48 Datasheet HTML 4Page - Bel Fuse Inc. SQ48 Datasheet HTML 5Page - Bel Fuse Inc. SQ48 Datasheet HTML 6Page - Bel Fuse Inc. SQ48 Datasheet HTML 7Page - Bel Fuse Inc. SQ48 Datasheet HTML 8Page - Bel Fuse Inc. SQ48 Datasheet HTML 9Page - Bel Fuse Inc. SQ48 Datasheet HTML 10Page - Bel Fuse Inc. SQ48 Datasheet HTML 11Page - Bel Fuse Inc. SQ48 Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
© 2015 Bel Power Solutions, inc.
866.513.2839
tech.support@psbel.com
belpowersolutions.com
BCD.00637_AA
Fig. F: Startup scenario #1
Scenario #1: Initial Startup From Bulk Supply
ON/OFF function enabled, converter started via application of VIN.
See Figure F.
Time
Comments
t0
ON/OFF pin is ON; system front-end power is toggled
on, VIN to converter begins to rise.
t1
VIN crosses undervoltage Lockout protection circuit
threshold; converter enabled.
t2
Converter begins to respond to turn-on command
(converter turn-on delay).
t3
Converter VOUT reaches 100% of nominal value.
For this example, the total converter startup time (t3- t1) is typically
4 ms.
Fig. G: Startup scenario #2.
Scenario #2: Initial Startup Using ON/OFF Pin
With VIN previously powered, converter started via ON/OFF pin.
See Figure G.
Time
Comments
t0
VINPUT at nominal value.
t1
Arbitrary time when ON/OFF pin is enabled (converter
enabled).
t2
End of converter turn-on delay.
t3
Converter VOUT reaches 100% of nominal value.
For this example, the total converter startup time (t3- t1) is typically
4 ms.
Fig. H: Startup scenario #3.
Scenario #3: Turn-off and Restart Using ON/OFF Pin
With VIN previously powered, converter is disabled and then
enabled via ON/OFF pin. See Figure H.
Time
Comments
t0
VIN and VOUT are at nominal values; ON/OFF pin ON.
t1
ON/OFF pin arbitrarily disabled; converter output falls
to zero; turn-on inhibit delay period (100 ms typical) is
initiated, and ON/OFF pin action is internally inhibited.
t2
ON/OFF pin is externally re-enabled.
If (t2- t1)
≤ 100 ms, external action of ON/OFF pin
is locked out by startup inhibit timer.
If (t2- t1) > 100 ms, ON/OFF pin action is internally
enabled.
t3
Turn-on inhibit delay period ends. If ON/OFF pin is
ON, converter begins turn-on; if off, converter awaits
ON/OFF pin ON signal; see Figure G.
t4
End of converter turn-on delay.
t5
Converter VOUT reaches 100% of nominal value.
For the condition, (t2- t1)
≤ 100 ms, the total converter startup time
(t5- t2) is typically 104 ms. For (t2- t1) > 100 ms, startup will be
typically 4 ms after release of ON/OFF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com