Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS252 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS252
Description  Field Programmable Dual Output SS VersaClock Synthesizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS252 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS252 Datasheet HTML 1Page - Integrated Circuit Systems ICS252 Datasheet HTML 2Page - Integrated Circuit Systems ICS252 Datasheet HTML 3Page - Integrated Circuit Systems ICS252 Datasheet HTML 4Page - Integrated Circuit Systems ICS252 Datasheet HTML 5Page - Integrated Circuit Systems ICS252 Datasheet HTML 6Page - Integrated Circuit Systems ICS252 Datasheet HTML 7Page - Integrated Circuit Systems ICS252 Datasheet HTML 8Page - Integrated Circuit Systems ICS252 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICS252
MDS 252 B
1
Revision 011606
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
Field Programmable Dual Output SS VersaClock Synthesizer
Description
The ICS252 is a low cost, dual-output, field
programmable clock synthesizer. The ICS252 can
generate two output frequencies from 314 kHz to 200
MHz using up to two independently configurable PLLs.
The outputs may employ Spread Spectrum techniques
to reduce system electro-magnetic interference (EMI).
Using ICS’ VersaClocksoftware to configure the PLL
and output, the ICS252 contains a One-Time
Programmable (OTP) ROM to allow field
programmability. Programming features include 4
selectable configuration registers.
The device employs Phase-Locked Loop (PLL)
techniques to run from a standard fundamental mode,
inexpensive crystal, or clock. It can replace multiple
crystals and oscillators, saving board space and cost.
The device also has a power-down feature that
tri-states the clock outputs and turns off the PLLs when
the PDTS pin is taken low.
The ICS252 is also available in factory programmed
custom versions for high-volume applications.
Features
8-pin SOIC package
Two addressable registers
Input crystal frequency of 5 to 27 MHz
Clock input frequency of 3 to 150 MHz
Output clock frequencies up to 200 MHz
Configurable Spread Spectrum Modulation
Operating voltage of 3.3 V
Replaces multiple crystals and oscillators
Controllable output drive levels
Advanced, low-power CMOS process
Available in Pb (lead) free packaging
Block Diagram
Crystal
Oscillator
GND
VDD
PDTS
PLL2
Divide
Logic
and
Output
Enable
Control
SEL
CLK2
CLK1
OTP
ROM
with
PLL
Values
X2
Crystal
External capacitors
are required.
X1
PLL1


Similar Part No. - ICS252

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS252 IDT-ICS252 Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS252 IDT-ICS252 Datasheet
115Kb / 10P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS252M-XX IDT-ICS252M-XX Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS252M-XXLF IDT-ICS252M-XXLF Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS252M-XXLFT IDT-ICS252M-XXLFT Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
More results

Similar Description - ICS252

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS343 ICST-ICS343 Datasheet
149Kb / 7P
Field Programmable Triple Output SS VersaClock Synthesizer
Revision 090704
ICS342 ICST-ICS342 Datasheet
151Kb / 7P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
Revision 090704
ICS341 ICST-ICS341 Datasheet
152Kb / 7P
Field Programmable SS VersaClock Synthesizer
Revision 090704
logo
Integrated Device Techn...
ICS252 IDT-ICS252 Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251_99 Datasheet
90Kb / 10P
Field Programmable SS VersaClock Synthesizer
ICS252 IDT-ICS252_12 Datasheet
115Kb / 10P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS342 IDT-ICS342 Datasheet
128Kb / 9P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS343 IDT-ICS343 Datasheet
127Kb / 9P
FIELD PROGRAMMABLE TRIPLE OUTPUT SS VERSACLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com