Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14AVDDECT Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA14AVDDECT
Description  The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14AVDDECT Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA14AVDDECT Datasheet HTML 9Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 10Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 11Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 12Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 13Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 14Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 15Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 16Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DA14AVDDECT SF01
DA14AVDDECT SF01 Datasheet
Datasheet
Revision 2.1
02-Jun-2020
CFR0011-120-00
13 of 25
© 2020 Dialog Semiconductor
1.3
Electrical Characteristics
Table 5: Digital I/O Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VDDIO
Supply voltage of IO band
1.6
3.45
V
VPIN_NEG
Negative voltage on IO
pin
GND -
0.3
V
VPIN_POS
Positive voltage on IO pin
VDDIO
+ 0.2
V
VPIN_PON
Voltage on pin
P0.15/PON
5
V
VPIN_USB
Voltage on pins USBp
and USBn
3.6
V
VIH
High level input voltage
0.7 ×
VDDIO
V
VIL
Low level input voltage
0.3 ×
VDDIO
V
VDDIO0_2
IO voltage bank0/2
1.8
V
VDDIO1
IO voltage bank 1
User programmable by
connecting the 3V3 (pin
K3) or 1V8 (pin H4) from
the module to VDDIO1
1.8
3.3
V
Table 6: Radio Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
Foperating
Frequency bands
supported
EU-DECT, US-DECT, and J-DECT (K-DECT is not supported)
RXsense
Receiver sensitivity
GFSK, EU-DECT ch5
-93
dBm
Po
Transmitted output power
GFSK, EU-DECT ch5
+22
dBm
Pspur
Spurious emissions
ETSI/FCC compliant
TXACPR1
Transmitter adjacent
channel power ratio M = 1
Po = +16dBm, π/4 DQPSK
-33
dBc
TXACPR3
Transmitter adjacent
channel power ratio M = 3
Po = +16dBm, π/4 DQPSK
-66
dBc
TXEVM
Transmitter error vector
magnitude
Po = +16dBm, π/4 DQPSK
6
%
Table 7: Supply Currents (Tour Guide mode)
Parameter
Description
Conditions (Note 1)
Min
Typ
Max
Unit
Iavg_TG_stby
Standby supply current
(Tour Guide mode)
FP (TX); HPM
23
mA
FP (TX); HPM/U
20
mA
PP (RX); HPM
8
mA
Iavg_TG_talk
Talk mode supply current
FP (TX); LPM
53
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com