Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14AVDDECT Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA14AVDDECT
Description  The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14AVDDECT Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA14AVDDECT Datasheet HTML 17Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 18Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 19Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 20Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 21Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 22Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 23Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 24Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 25Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DA14AVDDECT SF01
DA14AVDDECT SF01 Datasheet
Datasheet
Revision 2.1
02-Jun-2020
CFR0011-120-00
21 of 25
© 2020 Dialog Semiconductor
5
Application Information
As mentioned in chapter 2, the DA14AVDDECT functionality is defined in software and the software
specifics are detailed in separate documents. The DA14AVDDECT can be operated stand-alone or
controlled from a host application through the API interface. The on-board FLASH memory can be
used to store the custom code.
The following points highlight some hardware-specific aspects of application implementation:
● Antennas:
○ The module includes an integrated printed antenna (ANT1)
○ Optionally, an additional external antenna (ANT2) can be connected to support antenna
diversity
– For an optimal wireless performance, it is recommended to always use two antennas, that
is, the internal antenna combined with an external antenna
○ A special build option may be ordered with a special ordering code that disconnects ANT1
from the internal printed antenna and allows two external antennas to be used
● Supply voltage of RFPA:
○ +VRF_PA_1 and +VRF_PA_2 need to be connected to external supply voltages
○ In order to be able to leverage the Limited Modular Approval certification (for more
information please refer to [4]), the supply circuit should be copied from the reference
application used for certification. If it is desired to deviate from the reference application,
please note the following, and it may not be possible to leverage the Limited Modular
Approval any more:
– +VRF_PA_1 requires a minimum input voltage of 3.0 V (current draw 10 mA), so an
external DCDC boost converter will be required if two AA applications are targeted
– Typically, +VRF_PA_2 is connected to an external 3.3 V supply voltage (up to 350 mA
current draw depending on the RF TX output power levels). An optimal battery efficiency is
obtained if +VRF_PA_2 is sourced from a DCDC power supply adjusted within 0.5 V to 3.5
V based on the target output power levels
● The DA14AVDDECT module includes an integrated battery charger and the associated power
dissipation increases the module's temperature. Please make sure that the chip temperature
does not exceed its operational temperature range, especially when other functions are also
enabled. Since the module includes an on-board temperature sensor to facilitate chip
temperature detection, how to protect the chip from overheating needs to be implemented in
software and is not described in further detail in this document
● The DA14AVDDECT module includes an integrated audio CODEC. To support an external audio
CODEC, please map the GPIOs accordingly. It is implemented in software and is not described
in further detail in this document
● An external protection IC may be required to protect VBUS from supply circuits with possible high
overshoot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com