Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7281 Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # DA7281
Description  LRA/ERM Haptic Driver with Multiple I짼C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7281 Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button DA7281 Datasheet HTML 64Page - Dialog Semiconductor DA7281 Datasheet HTML 65Page - Dialog Semiconductor DA7281 Datasheet HTML 66Page - Dialog Semiconductor DA7281 Datasheet HTML 67Page - Dialog Semiconductor DA7281 Datasheet HTML 68Page - Dialog Semiconductor DA7281 Datasheet HTML 69Page - Dialog Semiconductor DA7281 Datasheet HTML 70Page - Dialog Semiconductor DA7281 Datasheet HTML 71Page - Dialog Semiconductor DA7281 Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C Addresses,
Integrated Waveform Memory, and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
68 of 76
© 2019 Dialog Semiconductor
Table 62: LRA_AVR_L (0x0045)
Bit
Mode
Symbol
Description
Reset
[6:0]
RO
LRA_PER_AVERA
GE_L
LS-bits of the average LRA resonant period based on the last
four half-periods, see Section 5.7.1. The following formula
describes the output:
������������ ������������������������ (��������)
= 1333.32 × 10−9 × (128
× ������������_������������_����������������������������_����
+ ������������_������������_����������������������������_����)
0x0
Table 63: FRQ_LRA_PER_ACT_H (0x0046)
Bit
Mode
Symbol
Description
Reset
[7:0]
RO
LRA_PER_ACTUA
L_H
MS-bits of the actual LRA resonant period based on half-
period, see Section 5.5.The following formula describes the
output:
������������ ������������������������ (��������)
= 1333.32 × 10−9 × (128
× ������������_������������_������������������������_����
+ ������������_������������_������������������������_����)
0x21
Table 64: FRQ_LRA_PER_ACT_L (0x0047)
Bit
Mode
Symbol
Description
Reset
[6:0]
RO
LRA_PER_ACTUAL
_L
LSBs of the actual LRA resonant period based on half-period,
see Section 5.5.The following formula describes the output:
������������ ������������������������ (��������)
= 1333.32 × 10−9 × (128
× ������������_������������_������������������������_����
+ ������������_������������_������������������������_����)
0x4F
Table 65: FRQ_PHASE_H (0x0048)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
DELAY_H
Used during custom waveform operation, see Section 5.7.5.
Only use the following settings, all other settings are reserved:
0x0 = Setting for wideband mode
0x25 = Setting for closed-loop frequency tracking mode
0x25
Table 66: FRQ_PHASE_L (0x0049)
Bit
Mode
Symbol
Description
Reset
[7]
RW
DELAY_FREEZE
Used during custom waveform operation. Set to 1 only in
wideband mode with frequency tracking disabled, see Section
5.7.5
0x0 = Setting for closed-loop frequency tracking mode
0x1 = Setting for wideband mode
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com