Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7281 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA7281
Description  LRA/ERM Haptic Driver with Multiple I짼C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7281 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA7281 Datasheet HTML 9Page - Dialog Semiconductor DA7281 Datasheet HTML 10Page - Dialog Semiconductor DA7281 Datasheet HTML 11Page - Dialog Semiconductor DA7281 Datasheet HTML 12Page - Dialog Semiconductor DA7281 Datasheet HTML 13Page - Dialog Semiconductor DA7281 Datasheet HTML 14Page - Dialog Semiconductor DA7281 Datasheet HTML 15Page - Dialog Semiconductor DA7281 Datasheet HTML 16Page - Dialog Semiconductor DA7281 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C Addresses,
Integrated Waveform Memory, and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
13 of 76
© 2019 Dialog Semiconductor
4.5
Thermal Characteristics
Table 10: WLCSP Thermal Ratings
Parameter
Description (Note 1)
Min
Typ
Max
Unit
RƟJA
Junction-to-ambient thermal resistance
90.3
°C/W
RƟJC_TOP
Junction-to-case (top) thermal resistance
43.6
°C/W
RƟJB
Junction-to-board thermal resistance
49.0
°C/W
JT
Junction-to-top characterization parameter
6.4
°C/W
JB
Junction-to-board characterization parameter
45.8
°C/W
Note 1
Multilayer JEDEC standard, still air, ambient temperature 25 °C, simulated value.
Table 11: QFN Thermal Ratings
Parameter
Description (Note 1)
Min
Typ
Max
Unit
RƟJA
Junction-to-ambient thermal resistance
88.2
°C/W
RƟJC_TOP
Junction-to-case (top) thermal resistance
54.6
°C/W
RƟJB
Junction-to-board thermal resistance
39.3
°C/W
JT
Junction-to-top characterization parameter
3.4
°C/W
JB
Junction-to-board characterization parameter
50.0
°C/W
RƟJC_BOTTOM
Junction-to-case (bottom) thermal resistance
4.4
°C/W
Note 1
Multilayer JEDEC standard, still air, ambient temperature 25 °C, simulated value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com