Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS271PG Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS271PG
Description  Triple PLL Field Programmable VCXO Clock Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS271PG Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS271PG Datasheet HTML 1Page - Integrated Circuit Systems ICS271PG Datasheet HTML 2Page - Integrated Circuit Systems ICS271PG Datasheet HTML 3Page - Integrated Circuit Systems ICS271PG Datasheet HTML 4Page - Integrated Circuit Systems ICS271PG Datasheet HTML 5Page - Integrated Circuit Systems ICS271PG Datasheet HTML 6Page - Integrated Circuit Systems ICS271PG Datasheet HTML 7Page - Integrated Circuit Systems ICS271PG Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICS271
MDS 271 A
1
Revision 040705
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Triple PLL Field Programmable VCXO Clock Synthesizer
PRELIMINARY INFORMATION
Description
The ICS271 field programmable VCXO clock
synthesizer generates up to six high-quality,
high-frequency clock outputs including multiple
reference clocks from a low-frequency crystal input. It
is designed to replace crystals and crystal oscillators in
most electronic systems.
Using ICS’ VersaClockTM software to configure PLLs
and outputs, the ICS271 contains a One-Time
Programmable (OTP) ROM for field programmability.
Programming features include VCXO, eight selectable
configuration registers and up to two sets of three
low-skew outputs.
Each of the two output groups are powered by a
separate VDDO voltage. VDDO may vary from 1.8 V to
VDD.
Using Phase-Locked Loop (PLL) techniques, the
device runs from a standard fundamental mode,
inexpensive crystal, or clock. It can replace VCXOs,
multiple crystals and oscillators, saving board space
and cost.
The ICS271 is also available in factory programmed
custom versions for high-volume applications.
Features
• Packaged as 20-pin TSSOP
• Eight addressable registers
• Replaces multiple crystals and oscillators
• Output frequencies up to 200 MHz at 3.3 V
• Input crystal frequency of 5 to 27 MHz
• Up to six reference outputs
• Separate 1.8 to 3.3 V VDDO output level controls for
each bank of 3 outputs
• Up to two sets of three low-skew outputs
• Operating voltages of 3.3 V
• Controllable output drive levels
• Advanced, low-power CMOS process
• Available in Pb (lead) free packaging
Block Diagram
Voltage
Controlled
Crystal
Oscillator
GND
2
3
VDD
PDTS
PLL2
PLL3
Divide
Logic
and
Output
Enable
Control
S2:S0
CLK1
CLK6
CLK5
CLK4
CLK3
CLK2
3
OTP
ROM
with
PLL
Values
X2
Crystal
External capacitors
are required.
X1
PLL1
VIN
VDDO1
VDDO2


Similar Part No. - ICS271PG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS270 ICST-ICS270 Datasheet
162Kb / 8P
Triple PLL Field Programmable VCXO Clock Synthesizer
Revision 040705
ICS270PG ICST-ICS270PG Datasheet
162Kb / 8P
Triple PLL Field Programmable VCXO Clock Synthesizer
Revision 040705
ICS270PGI ICST-ICS270PGI Datasheet
162Kb / 8P
Triple PLL Field Programmable VCXO Clock Synthesizer
Revision 040705
ICS270PGILF ICST-ICS270PGILF Datasheet
162Kb / 8P
Triple PLL Field Programmable VCXO Clock Synthesizer
Revision 040705
ICS270PGLF ICST-ICS270PGLF Datasheet
162Kb / 8P
Triple PLL Field Programmable VCXO Clock Synthesizer
Revision 040705
More results

Similar Description - ICS271PG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS345 ICST-ICS345 Datasheet
153Kb / 7P
Triple PLL Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS270 ICST-ICS270 Datasheet
162Kb / 8P
Triple PLL Field Programmable VCXO Clock Synthesizer
Revision 040705
ICS291 ICST-ICS291 Datasheet
172Kb / 8P
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
ICS275 ICST-ICS275 Datasheet
164Kb / 8P
Triple PLL Field Programmable VCXO Clock Synthesizer
Revision 040805
ICS276 ICST-ICS276 Datasheet
166Kb / 8P
Triple PLL Field Programmable VCXO Clock Synthesizer
Revision 040805
logo
Integrated Device Techn...
ICS345 IDT-ICS345 Datasheet
207Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
logo
Texas Instruments
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
Programmable 1-PLL VCXO Clock Synthesizer
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
logo
Integrated Device Techn...
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com