Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS345 Datasheet (PDF) - Integrated Device Technology

ICS345 Datasheet PDF - Integrated Device Technology
Part # ICS345
Download  ICS345 Download
File Size   207.85 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER

ICS345 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS345 Datasheet PDF - Integrated Device Technology

Part # ICS345
Download  ICS345 Click to download

File Size   207.85 Kbytes
Page   9 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER

ICS345 Datasheet (HTML) - Integrated Device Technology


ICS345 Product details

Description
The ICS345 field programmable clock synthesizer generates up to nine high-quality, high-frequency clock outputs including multiple reference clocks from a low-frequency crystal or clock input. It is designed to replace crystals and crystal oscillators in most electronic systems.

Features
• Packaged as 20-pin SSOP (QSOP)
• Spread spectrum capability
• Eight addressable registers
• Replaces multiple crystals and oscillators
• Output frequencies up to 200 MHz at 3.3 V
• Input crystal frequency of 5 to 27 MHz
• Input clock frequency of 2 to 50 MHz
• Up to nine reference outputs
• Up to two sets of four low-skew outputs
• Operating voltages of 3.3 V
• Advanced, low-power CMOS process
• For one output clock, use the ICS341. For two output clocks, see the ICS342. For three output clocks, see the ICS343. For more than three outputs, see the ICS345 or ICS348.
• Available in Pb (lead) free packaging




Similar Part No. - ICS345

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS345 ICST-ICS345 Datasheet
153Kb / 7P
Triple PLL Field Programmable SS VersaClock Synthesizer
Revision 090704
logo
Integrated Device Techn...
ICS345 IDT-ICS345 Datasheet
130Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS345RIP ICST-ICS345RIP Datasheet
153Kb / 7P
Triple PLL Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS345RLF ICST-ICS345RLF Datasheet
153Kb / 7P
Triple PLL Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS345RP ICST-ICS345RP Datasheet
153Kb / 7P
Triple PLL Field Programmable SS VersaClock Synthesizer
Revision 090704
More results


Similar Description - ICS345

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS345 ICST-ICS345 Datasheet
153Kb / 7P
Triple PLL Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS343 ICST-ICS343 Datasheet
149Kb / 7P
Field Programmable Triple Output SS VersaClock Synthesizer
Revision 090704
ICS341 ICST-ICS341 Datasheet
152Kb / 7P
Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS309 ICST-ICS309 Datasheet
132Kb / 8P
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTHESIZER
Revision 122704
logo
Integrated Device Techn...
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251_99 Datasheet
90Kb / 10P
Field Programmable SS VersaClock Synthesizer
ICS309 IDT-ICS309 Datasheet
123Kb / 10P
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTH
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS343 IDT-ICS343 Datasheet
127Kb / 9P
FIELD PROGRAMMABLE TRIPLE OUTPUT SS VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com