Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS345 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS345
Description  TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS345 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS345 Datasheet HTML 1Page - Integrated Device Technology ICS345 Datasheet HTML 2Page - Integrated Device Technology ICS345 Datasheet HTML 3Page - Integrated Device Technology ICS345 Datasheet HTML 4Page - Integrated Device Technology ICS345 Datasheet HTML 5Page - Integrated Device Technology ICS345 Datasheet HTML 6Page - Integrated Device Technology ICS345 Datasheet HTML 7Page - Integrated Device Technology ICS345 Datasheet HTML 8Page - Integrated Device Technology ICS345 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICS345
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
EPROM CLOCK SYNTHESIZER
IDT™ / ICS™ TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER 2
ICS345
REV K 110207
Pin Assignment
Pin Descriptions
16
1
15
2
14
X1/ICLK
X2
3
13
S0
4
12
S1
VDD
5
11
CLK9
6
PDTS
7
VDD
8
GND
S2
VDD
GND
CLK1
CLK5
CLK2
CLK6
9
10
CLK3
CLK7
CLK4
CLK8
20
19
18
17
20-pin (150 mil) SSOP (QSOP)
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/ICLK
XI
Crystal input. Connect this pin to a crystal or external input clock.
2
S0
Input
Select pin 0. Internal pull-up resistor.
3
S1
Input
Select pin 1. Internal pull-up resistor.
4
CLK9
Output
Output clock 9. Weak internal pull-down when tri-state.
5VDD
Power
Connect to +3.3 V.
6
GND
Power
Connect to ground.
7
CLK1
Output
Output clock 1. Weak internal pull-down when tri-state.
8
CLK2
Output
Output clock 2. Weak internal pull-down when tri-state.
9
CLK3
Output
Output clock 3. Weak internal pull-down when tri-state.
10
CLK4
Output
Output clock 4. Weak internal pull-down when tri-state.
11
CLK8
Output
Output clock 8. Weak internal pull-down when tri-state.
12
CLK7
Output
Output clock 7. Weak internal pull-down when tri-state.
13
CLK6
Output
Output clock 6. Weak internal pull-down when tri-state.
14
CLK5
Output
Output clock 5. Weak internal pull-down when tri-state.
15
GND
Power
Connect to ground.
16
VDD
Power
Connect to +3.3 V.
17
S2
Input
Select pin 2. Internal pull-up resisitor.
18
PDTS
Input
Power-down tri-state. Powers down entire chip and tri-states clock outputs
when low. Internal pull-up resisitor.
19
VDD
Power
Connect to +3.3 V.
20
X2
XO
Crystal Output. Connect this pin to a crystal. Float for clock input.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com