Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS345 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS345
Description  TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS345 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS345 Datasheet HTML 1Page - Integrated Device Technology ICS345 Datasheet HTML 2Page - Integrated Device Technology ICS345 Datasheet HTML 3Page - Integrated Device Technology ICS345 Datasheet HTML 4Page - Integrated Device Technology ICS345 Datasheet HTML 5Page - Integrated Device Technology ICS345 Datasheet HTML 6Page - Integrated Device Technology ICS345 Datasheet HTML 7Page - Integrated Device Technology ICS345 Datasheet HTML 8Page - Integrated Device Technology ICS345 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICS345
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
EPROM CLOCK SYNTHESIZER
IDT™ / ICS™ TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER 3
ICS345
REV K 110207
External Components
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50
Ω trace (a commonly
used trace impedance), place a 33
Ω resistor in series with
the clock line, as close to the clock output pin as possible.
The nominal impedance of the clock output is 20
Ω.
Decoupling Capacitors
As with any high-performance mixed-signal IC, the ICS345
must be isolated from system power supply noise to perform
optimally.
Decoupling capacitors of 0.01µF must be connected
between each VDD and the PCB ground plane.
Crystal Load Capacitors
The device crystal connections should include pads for
small capacitors from X1 to ground and from X2 to ground.
These capacitors are used to adjust the stray capacitance of
the board to match the nominally required crystal load
capacitance. Because load capacitance can only be
increased in this trimming process, it is important to keep
stray capacitance to a minimum by using very short PCB
traces (and no vias) between the crystal and device. Crystal
capacitors must be connected from each of the pins X1 and
X2 to ground.
The value (in pF) of these crystal caps should equal (CL -6
pF)*2. In this equation, CL= crystal load capacitance in pF.
Example: For a crystal with a 16 pF load capacitance, each
crystal capacitor would be 20 pF [(16-6) x 2 = 20].
PCB Layout Recommendations
For optimum device performance and lowest output phase
noise, the following guidelines should be observed.
1) Each 0.01µF decoupling capacitor should be mounted on
the component side of the board as close to the VDD pin as
possible. No vias should be used between decoupling
capacitor and VDD pin. The PCB trace to VDD pin should
be kept as short as possible, as should the PCB trace to the
ground via.
2) The external crystal should be mounted just next to the
device with short traces. The X1 and X2 traces should not
be routed next to each other with minimum spaces, instead
they should be separated and away from other traces.
3) To minimize EMI, the 33
Ω series termination resistor (if
needed) should be placed close to the clock output.
4) An optimum layout is one with all components on the
same side of the board, minimizing vias through other signal
layers.
ICS345 Configuration Capabilities
The architecture of the ICS345 allows the user to easily
configure the device to a wide range of output frequencies,
for a given input reference frequency.
The frequency multiplier PLL provides a high degree of
precision. The M/N values (the multiplier/divide values
available to generate the target VCO frequency) can be set
within the range of M = 1 to 2048 and N = 1 to 1024.
The ICS345 also provides separate output divide values,
from 2 through 20, to allow the two output clock banks to
support widely differing frequency values from the same
PLL.
Each output frequency can be represented as:
IDT VersaClock Software
IDT applies years of PLL optimization experience into a user
friendly software that accepts the user’s target reference
clock and output frequencies and generates the lowest jitter,
lowest power configuration, with only a press of a button.
The user does not need to have prior PLL experience or
determine the optimal VCO frequency to support multiple
output frequencies.
VersaClock software quickly evaluates accessible VCO
frequencies with available output divide values and provides
an easy to understand, bar code rating for the target output
frequencies. The user may evaluate output accuracy,
performance trade-off scenarios in seconds.
OutputFreq
REFFreq
OutputDivide
--------------------------------------
M
N
-----
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com