Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS252MPLF Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS252MPLF
Description  Field Programmable Dual Output SS VersaClock Synthesizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS252MPLF Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS252MPLF Datasheet HTML 1Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 2Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 3Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 4Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 5Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 6Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 7Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 8Page - Integrated Circuit Systems ICS252MPLF Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Field Programmable Dual Output SS VersaClock Synthesizer
MDS 252 B
2
Revision 011606
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS252
Pin Assignment
8-pin (150 mil) SOIC
Output Clock Selection Table
Pin Descriptions
External Components
The ICS252 requires a minimum number of external
components for proper operation.
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50
Ω trace (a
commonly used trace impedance), place a 33
Ω resistor
in series with the clock line, as close to the clock output
pin as possible. The nominal impedance of the clock
output is 20
Ω.
Decoupling Capacitor
As with any high-performance mixed-signal IC, the
ICS252 must be isolated from system power supply
noise to perform optimally.
A decoupling capacitor of 0.01µF must be connected
between VDD and the PCB ground plane.
Crystal Load Capacitors
The device crystal connections should include pads for
small capacitors from X1 to ground and from X2 to
ground. These capacitors are used to adjust the stray
capacitance of the board to match the nominally
required crystal load capacitance. Because load
capacitance can only be increased in this trimming
process, it is important to keep stray capacitance to a
minimum by using very short PCB traces (and no vias)
been the crystal and device. Crystal capacitors must be
connected from each of the pins X1 and X2 to ground.
The value (in pF) of these crystal caps should equal
(CL -6 pF)*2. In this equation, CL= crystal load
capacitance in pF. Example: For a crystal with a 16 pF
load capacitance, each crystal capacitor would be 20
pF [(16-6) x 2] = 20.
X 1 /IC L K
VD D
G N D
SEL
CL K 2
CL K 1
X2
1
2
3
4
8
7
6
5
PD T S
S1
CLK1 (MHz)
CLK2 (MHz)
Spread
Percentage
0
User
Configurable
User
Configurable
User
Configurable
0User
Configurable
User
Configurable
User
Configurable
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
SEL
Input
Select pin for frequency selection on CLK1 and CLK2. Internal pull-up resistor.
2
VDD
Power
Connect to +3.3 V.
3
X1/ICLK
XI
Connect this pin to a crystal or external clock input.
4
X2
XO
Connect this pin to a crystal, or float for clock input.
5
CLK1
Output
Clock1 output. Weak internal pull-down when tri-stated.
6
CLK2
Input
Clock2 output. Weak internal pull-down when tri-stated.
7
GND
Power
Connect this to ground.
8PDTS
Input
Powers down entire chip. Tri-states CLK outputs when low. Internal pull-up
resistor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com